Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3812F Datasheet(PDF) 9 Page - Rohm

Part # BD3812F
Description  2ch Electronic Volume
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3812F Datasheet(HTML) 9 Page - Rohm

Back Button BD3812F_1 Datasheet HTML 2Page - Rohm BD3812F_1 Datasheet HTML 3Page - Rohm BD3812F_1 Datasheet HTML 4Page - Rohm BD3812F_1 Datasheet HTML 5Page - Rohm BD3812F_1 Datasheet HTML 6Page - Rohm BD3812F_1 Datasheet HTML 7Page - Rohm BD3812F_1 Datasheet HTML 8Page - Rohm BD3812F_1 Datasheet HTML 9Page - Rohm BD3812F_1 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Technical Note
9/9
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3812F
Ordering part number
B
D
3
8
1
2
F
-
E
2
Part No.
Part No.
Package
F:SOP14
Packaging and forming specification
E2: Embossed tape and reel
(Unit : mm)
SOP14
7
14
1.27
1
8
8.7
±0.2
0.4
±0.1
0.15
±0.1
(MAX 9.05 include BURR)
0.1
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin


Similar Part No. - BD3812F_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3812F ROHM-BD3812F Datasheet
125Kb / 3P
   2 channel Volume IC
More results

Similar Description - BD3812F_1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
   2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
   2CH ELECTRONIC VOLUME-BALANCE
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
   2ch Electronic Volume with Dynamic Bass Boost
logo
Renesas Technology Corp
M62420SP RENESAS-M62420SP Datasheet
183Kb / 17P
   2ch Electronic Volume with Tone by I2C Bus System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com