Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3818K1 Datasheet(PDF) 2 Page - Rohm

Part # BD3818K1
Description  5.1ch Sound Processor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3818K1 Datasheet(HTML) 2 Page - Rohm

  BD3818K1 Datasheet HTML 1Page - Rohm BD3818K1 Datasheet HTML 2Page - Rohm BD3818K1 Datasheet HTML 3Page - Rohm BD3818K1 Datasheet HTML 4Page - Rohm BD3818K1 Datasheet HTML 5Page - Rohm BD3818K1 Datasheet HTML 6Page - Rohm BD3818K1 Datasheet HTML 7Page - Rohm BD3818K1 Datasheet HTML 8Page - Rohm BD3818K1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
2/17
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3811K1,BD3818KS
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VCC
7.5
*1
V
VEE
-7.5
Input Signal Voltage
VIN
VCC+0.3 to VEE-0.3
V
Power Dissipation
Pd
1200
*2
mW
Operating Temperature range
Topr
-20 to
75
Storage Temperature range
Tastg
-55 to
125
*1
Even in the specified range of Power Supply Voltage, applying voltage only to the VCC side may cause an excessive current
to give a permanent damage to the IC.
When starting up power supplies, VEE and VCC should be powered on simultaneously or VEE first; then followed by VCC.
*2
Reduced by 12 mW/℃ over 25℃, when installed on the standard board (size: 70x70x1.6mm).
Operating range
It must function normally at Ta=25℃.
Part No.
Parameter
Symbol
Ratings
Unit
Min.
Typ.
Max.
BD3811K1
Operating Supply Voltage
VCC
5
7
7.3
V
VEE
-7.3
-7
-5
BD3818KS
Operating Supply Voltage
VCC
5
7
7.4
V
VEE
-7.4
-7
-5
Electrical characteristics
1) BD3811K1 (Ta=25℃, VCC=7V, VEE=-7V, f=1kHz, Vin=1Vrms, RL=10kΩ, Rg=600Ω, Input ATT=0dB,
Input gain=0dB, Master volume=0dB, Output gain=0dB, Bass, Treble and bass boost=0dB, unless otherwise noted.)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Circuit Current
VCC
IQ
15
30
mA
No signal
VEE
-30
-15
Output Voltage Gain 1ch
Gv1
-2
0
2
dB
Measure : Pin55
Output Voltage Gain 2ch
Gv2
-2
0
2
dB
Measure : Pin57
Total Harmonic Distortion
Ratio 1ch
THD1
0.005
0.09
%
Measure : Pin55
BW=400~30kHz
Total Harmonic Distortion
Ratio 2ch
THD2
0.005
0.09
%
Measure : Pin57
BW=400~30kHz
Maximum Output Voltage 1ch
Vomax1
3.4
4.2
Vrms
Measure : Pin55
THD=1%
Maximum Output Voltage 2ch
Vomax2
3.4
4.2
Vrms
Measure : Pin57
THD=1%
Output Noise Voltage 1ch
Vno1
2.5
12
µVrms Measure : Pin 55 Rg=0
Ω
,
Tone: ON BW=IHF-A
2.0
9.0
µVrms Measure : Pin 55 Rg=0
Ω
,
By Pass mode BW=IHF-A
Output Noise Voltage 2ch
Vno2
2.5
12
µVrms Measure : Pin 57 Rg=0
Ω
,
Tone: ON BW=IHF-A
2.0
9.0
µVrms Measure : Pin 57 Rg=0
Ω
,
By Pass mode BW=IHF-A
Input Impedance 1ch
Rin1
28
47
70
Measure : Pin1, 3, 5, 7, 9, 11, 77, 79
Input Impedance 2ch
Rin2
28
47
70
Measure : Pin2, 4, 6, 8, 10, 12, 78, 80
Cross-talk between Channels
1ch
2ch
CTC12
-100
-70
dB
Measure : Pin57(OUT2)
Rg=0Ω, BW=IHF-A
Reference : Pin55(OUT1)=1Vrms
Cross-talk between Channels
2ch
1ch
CTC21
-100
-70
dB
Measure : Pin55(OUT1)
Rg=0Ω, BW=IHF-A
Reference : Pin57(OUT2)=1Vrms
Cross-talk
between Selectors 1ch
CTS1
-100
-70
dB
Measure : Pin 55
Rg=0Ω, BW=IHF-A
Cross-talk
between Selectors 2ch
CTS2
-100
-70
dB
Measure :Pin 57
Rg=0Ω, BW=IHF-A


Similar Part No. - BD3818K1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3818KS ROHM-BD3818KS Datasheet
238Kb / 6P
   6ch Volume with 5ch input selector
More results

Similar Description - BD3818K1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3813KS ROHM-BD3813KS_1 Datasheet
439Kb / 18P
   5.1ch Sound Processors
logo
New Japan Radio
NJW1149 NJRC-NJW1149 Datasheet
313Kb / 26P
   Audio Processor with Sound Enhancement and TruSurround 5.1ch Virtualizer
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
List of Unclassifed Man...
YSF224B ETC-YSF224B Datasheet
472Kb / 8P
   SOUND ANALYSIS PROCESSOR
logo
Rohm
BH3874AKS2 ROHM-BH3874AKS2 Datasheet
261Kb / 25P
   Sound processor IC
logo
Agamem Microelectronic ...
AA8335 AGAMEM-AA8335 Datasheet
230Kb / 8P
   SOUND EFFECT PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com