Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3815KS Datasheet(PDF) 9 Page - Rohm

Part # BD3815KS
Description  5.1ch Sound Processors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3815KS Datasheet(HTML) 9 Page - Rohm

Back Button BD3815KS Datasheet HTML 5Page - Rohm BD3815KS Datasheet HTML 6Page - Rohm BD3815KS Datasheet HTML 7Page - Rohm BD3815KS Datasheet HTML 8Page - Rohm BD3815KS Datasheet HTML 9Page - Rohm BD3815KS Datasheet HTML 10Page - Rohm BD3815KS Datasheet HTML 11Page - Rohm BD3815KS Datasheet HTML 12Page - Rohm BD3815KS Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Technical Note
9/17
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3813KS,BD3815KS
Equivalent Circuits
Pin No.
Pin Name
Pin Voltage
Equivalent Circuit
Description
2
4
6
8
40
42
GOUTSW
GOUTSR
GOUTSL
GOUTC
GOUTFR
GOUTFL
0
VCC
VEE
Sound signal output pins from input gain
3
5
7
9
39
41
VINSW
VINSR
VINSL
VINC
VINFR
VINFL
0
VCC
VEE
Sound signal input pins to master volume,
Input Impedance: 20kΩ (typ.)
11
12
PORTA
PORTB
VCC
VEE
VDD
Open drain output pins
13
DA
VCC
VEE
Serial data input pin
14
CL
VCC
VEE
Serial clock input pin


Similar Part No. - BD3815KS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3815KS ROHM-BD3815KS Datasheet
109Kb / 3P
   6-channel volume IC for 6.1-channel
BD3815KS ROHM-BD3815KS Datasheet
185Kb / 6P
   6.1ch Audio Sound Processor
More results

Similar Description - BD3815KS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3811K1 ROHM-BD3811K1_1 Datasheet
536Kb / 18P
   5.1ch Sound Processor
BD3474KS2 ROHM-BD3474KS2 Datasheet
3Mb / 25P
   5.1ch Sound Processors with Built-in Mode and Input Selectors
logo
List of Unclassifed Man...
MSP3405D ETC-MSP3405D Datasheet
472Kb / 71P
   Multistandard Sound Processors
logo
Micronas
MSP3400D MICRONAS-MSP3400D Datasheet
1Mb / 83P
   Multistandard Sound Processors
logo
New Japan Radio
NJW1149 NJRC-NJW1149 Datasheet
313Kb / 26P
   Audio Processor with Sound Enhancement and TruSurround 5.1ch Virtualizer
logo
STMicroelectronics
STV0056A STMICROELECTRONICS-STV0056A Datasheet
248Kb / 26P
   SATELLITE SOUND AND VIDEO PROCESSORS
logo
Rohm
BD37033FV-M ROHM-BD37033FV-M Datasheet
1Mb / 41P
   Sound Processors for Car Audio
logo
STMicroelectronics
STV0042A STMICROELECTRONICS-STV0042A Datasheet
235Kb / 24P
   SATELLITE SOUND AND VIDEO PROCESSORS
logo
Mitsubishi Electric Sem...
M61512FP MITSUBISHI-M61512FP Datasheet
254Kb / 13P
   5.1ch Electronic Volume
logo
Rohm
BD3403FV ROHM-BD3403FV Datasheet
378Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com