Electronic Components Datasheet Search |
|
BD4726G Datasheet(PDF) 2 Page - Rohm |
|
BD4726G Datasheet(HTML) 2 Page - Rohm |
2 / 8 page Technical Note 2/7 BD47 □□G series www.rohm.com 2010.04 - Rev.C © 2010 ROHM Co., Ltd. All rights reserved. Absolute maximum ratings (Ta=25°C) Parameter Symbol Limits Unit Power Supply Voltage Vcc-GND -0.3 ~ +10 V Output Voltage Vout -0.3 ~ +10 V Power Dissipation *1 *2 Pd 540 mW Operating Temperature Topr -40 ~ +75 °C Ambient Storage Temperature Tstg -55 ~ +125 °C *1 When a ROHM standard circuit board (70mm×70mm×1.6mm glass epoxy board) is mounted. *2 When used at temperatures higher than Ta=25°C, the power is reduced by 5.4mW/°C Electrical characteristics (Unless Otherwise Specified Ta=25°C) Parameter Symbol Condition Limit Unit Min. Typ. Max. Detection Voltage Vs Vcc=H L RL=4.7k Ω Vs (T) ×0.99 Vs (T) Vs (T) ×1.01 V Temperature Coefficient Of Detection Voltage Vs/ ∆T RL=4.7k ΩTa=-20~+75°C Designed Guarantee - ±0.01 - %/°C Detection Hysteresis Voltage ∆Vs RL=4.7k Ω, Vcc=LHL 30 50 100 mV Transfer Delay Time ”H” tPLH CL=100pF,RL=4.7k Ω *1 - 20 50 µs Transfer Delay Time ”L” tPHL CL=100pF,RL=4.7k Ω *2 - 60 120 µs Reset Output Voltage ”L” VOL Vcc=Vs(min.)-0.05V, RL=4.7k Ω - 0.1 0.4 V Circuit Current ON Icc1 Vcc=Vs(min.)-0.05V, RL= ∞ - 1.5 3.0 µA Circuit Current OFF Icc2 Vcc=Vs(typ.)/0.85V, RL= ∞ - 1.6 3.2 µA Threshold Operating Voltage VOPL RL=4.7k Ω,VOL≥0.4V - 0.65 0.85 V Output Leak Current IL Vcc=VOUT=10V - - 0.1 µA Reset Output Current ”L” IOL Vo=0.4V, Vcc=Vs(min.)-0.05V 3.0 15.0 - mA Vs(T):Standard Detection Voltage(1.9V to 4.6V, 0.1V step) RL:Pull-up resistor to be connected between VOUT and power supply. CL:Capacitor to be connected between VOUT and GND. *1 tPLH:Vcc=(Vs(typ.)-0.4V) (Vs(typ.)+0.4V) *2 tPHL:Vcc=(Vs(typ.)+0.4V) (Vs(typ.)-0.4V) Designed Guarantee.(Outgoing inspection is not done on all products.) Block Diagrams PIN No. Symbol Function 1 N.C. Unconnected Terminal 2 SUB Substrate* 3 GND GND 4 VOUT Reset Output 5 VCC Power Supply Voltage *Substrate Pin should be connected with GND TOP VIEW SSOP5 Fig.1 Vref VOUT VCC GND 5 4 3 |
Similar Part No. - BD4726G |
|
Similar Description - BD4726G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |