Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4721G Datasheet(PDF) 5 Page - Rohm

Part # BD4721G
Description  Bipolar Voltage Detector ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4721G Datasheet(HTML) 5 Page - Rohm

  BD4721G Datasheet HTML 1Page - Rohm BD4721G Datasheet HTML 2Page - Rohm BD4721G Datasheet HTML 3Page - Rohm BD4721G Datasheet HTML 4Page - Rohm BD4721G Datasheet HTML 5Page - Rohm BD4721G Datasheet HTML 6Page - Rohm BD4721G Datasheet HTML 7Page - Rohm BD4721G Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Technical Note
5/7
BD47
□□G series
www.rohm.com
2010.04 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
 Circuit Applications
1)
The following is an example of an application circuit using Reset IC for normal power supply detection. BD47
□□G
series requires a pull up resistor on the output terminal. The pull up resister value should be decided. As the
application with enough confirmation of power supply level and output current capability. When a capacitor has been
inserted into the output terminal to delay the output time or to remove noise, the output will be slower during starting or
stopping. Please be careful to select the appropriate pull up resistors, output current and capacitor when inserting a
bypass capacitor between input and GND. Please be aware that if an extremely large capacitor is used, the response
time will become excessively slow.
2)
The following shows an example of adding delay time to a reset signal. It is possible to set the delay time using the
capacitor CL and the resistor RL connected to the output terminal as shown below. At VCC start up, CL will be
charged by RL. The CL and RL time constants and the threshold voltage of the Reset terminal determine the charge
delay time. When VCC is decreased, CL is discharged through the Reset IC. The sum of the respective times plus the
delay time of the IC itself becomes the reset signal delay time.
Fig.12
Vref
VOUT
VCC
GND
5
4
3
BD47□□G
VDD
Reset Pin
microcontroller
●●●●●●●●●●●●
●●●●●●●●●●●●
●●●
●●●
●●●●
GND
BD47□□G
RESET
GND
VOUT
VDD
VCC
CPU
Micro-controller
CL
RL
VCC
VS+ΔVS
VS
0V
RESET
(=VOUT)
TPLH
TPLH
VOL
VOH
VCC
TPHL
Fig.13


Similar Part No. - BD4721G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4721G ROHM-BD4721G Datasheet
175Kb / 6P
   System Reset IC
BD4721G ROHM-BD4721G Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4721G-TR ROHM-BD4721G-TR Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD4721G-TR ROHM-BD4721G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4721G-TR ROHM-BD4721G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
More results

Similar Description - BD4721G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4719G-TR ROHM-BD4719G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4727G-TR ROHM-BD4727G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4719 ROHM-BD4719 Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD4730G-TR ROHM-BD4730G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4746G-TR ROHM-BD4746G-TR Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BD47XXG ROHM-BD47XXG_10 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com