Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS7111R Datasheet(PDF) 4 Page - International Rectifier

Part # AUIPS7111R
Description  CURRENT SENSE HIGH SIDE SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7111R Datasheet(HTML) 4 Page - International Rectifier

  AUIPS7111R Datasheet HTML 1Page - International Rectifier AUIPS7111R Datasheet HTML 2Page - International Rectifier AUIPS7111R Datasheet HTML 3Page - International Rectifier AUIPS7111R Datasheet HTML 4Page - International Rectifier AUIPS7111R Datasheet HTML 5Page - International Rectifier AUIPS7111R Datasheet HTML 6Page - International Rectifier AUIPS7111R Datasheet HTML 7Page - International Rectifier AUIPS7111R Datasheet HTML 8Page - International Rectifier AUIPS7111R Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AUIPS7111S
Static Electrical Characteristics
Tj=-40..150°C, Vcc=8..50V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vcc op.
Operating voltage range
8
50
V
ON state resistance Tj=25°C
6
7.5
Rds(on)
ON state resistance Tj=150°C
12
15
m
Ids=10A
Icc off
Supply leakage current
2
6
Iout off
Output leakage current
2
6
µA
Vin=Vcc=28V,Vifb=Vgnd
Vout=Vgnd, Tj=25°C
V clamp1
Vcc to Vout clamp voltage 1
60
65
Id=10mA
V clamp2
Vcc to Vout clamp voltage 2
66
Id=10A see fig. 2
Vih(2)
High level Input threshold voltage
5.5
6.8
Id=10mA
Vil(2)
Low level Input threshold voltage
3.5
5
V
Reverse On state resistance Tj=25°C
7
10
m
Rds(on) rev
Reverse On state resistance Tj=150°C
13
18
Isd=10A,
Vcc-Vin=7..32V
Forward body diode voltage Tj=25°C
0.75
0.8
Vf
Forward body diode voltage Tj=125°C
0.6
0.65
V
If=10A
Rin
Internal input resistor
180
250
350
Tj=-40°C..125°C
(2) Input thresholds are measured directly between the input pin and the tab. See also page 6
Switching Electrical Characteristics
Vcc=28V, Resistive load=3
, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
tdon
Turn on delay time to 20%
25
35
50
tr
Rise time from 20% to 80% of Vcc
8
17
25
µs
tdoff
Turn off delay time
50
80
120
tf
Fall time from 80% to 20% of Vcc
5
13
35
µs
See fig. 1
Protection Characteristics
Tj=-40..150°C, Vcc=8..50V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold
150(3)
165
°C
See fig. 3 and fig. 10
Isd
Over-current shutdown
30
45
60
A
See fig. 3 and page 7
I fault
Ifb after an over-current or an over-
temperature (latched)
2.4
4
6
mA
See fig. 3
Current Sensing Characteristics
Tj=-40..150°C, Vcc=8..50V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ratio
I load / Ifb current ratio
11000 13000
14500
Ratio_TC
I load / Ifb variation over temperature
-5%
0
+5
%
Iout=10A
I offset
Load current offset
-0.25
0
0.25
A
Iout<10A
Ifb leakage
Ifb leakage current on
0
6
15
µA
Iout=0A, Tj=25°C
(3) Guaranteed by design
www.irf.com
4


Similar Part No. - AUIPS7111R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7111S IRF-AUIPS7111S Datasheet
196Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7111S INFINEON-AUIPS7111S Datasheet
196Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
November, 29th 2009
AUIPS7111STRL INFINEON-AUIPS7111STRL Datasheet
196Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
November, 29th 2009
AUIPS7111STRR INFINEON-AUIPS7111STRR Datasheet
196Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
November, 29th 2009
logo
International Rectifier
AUIPS7111S IRF-AUIPS7111S_15 Datasheet
196Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
More results

Similar Description - AUIPS7111R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
logo
International Rectifier
AUIPS6121R IRF-AUIPS6121R_15 Datasheet
749Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7145R IRF-AUIPS7145R_15 Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7145R INFINEON-AUIPS7145R Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
10/02/2012 Revision C
logo
International Rectifier
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7121R IRF-AUIPS7121R Datasheet
355Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125 IRF-AUIPS7125_15 Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS71451G INFINEON-AUIPS71451G Datasheet
604Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
logo
International Rectifier
AUIPS7111S IRF-AUIPS7111S_15 Datasheet
196Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS71451G IRF-AUIPS71451G_15 Datasheet
604Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com