Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF7665S2TR Datasheet(PDF) 4 Page - International Rectifier

Part # AUIRF7665S2TR
Description  DirectFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7665S2TR Datasheet(HTML) 4 Page - International Rectifier

  AUIRF7665S2TR Datasheet HTML 1Page - International Rectifier AUIRF7665S2TR Datasheet HTML 2Page - International Rectifier AUIRF7665S2TR Datasheet HTML 3Page - International Rectifier AUIRF7665S2TR Datasheet HTML 4Page - International Rectifier AUIRF7665S2TR Datasheet HTML 5Page - International Rectifier AUIRF7665S2TR Datasheet HTML 6Page - International Rectifier AUIRF7665S2TR Datasheet HTML 7Page - International Rectifier AUIRF7665S2TR Datasheet HTML 8Page - International Rectifier AUIRF7665S2TR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AUIRF7665S2TR/TR1
4
www.irf.com
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical On-Resistance vs. Gate Voltage
Fig 4. Typical On-Resistance vs. Drain Current
Fig 6. Normalized On-Resistance vs. Temperature
Fig 5. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
5.0V
≤60µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
5.5V
BOTTOM
5.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.001
0.01
0.1
1
10
100
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
5.5V
BOTTOM
5.0V
≤60µs PULSE WIDTH
Tj = 25°C
5.0V
2
4
6
8
10
12
14
16
VGS, Gate-to-Source Voltage (V)
0.01
0.1
1
10
100
TJ = -40°C
TJ = 25°C
TJ = 175°C
VDS = 25V
≤60µs PULSE WIDTH
0
10
20
30
40
ID, Drain Current (A)
40
80
120
160
200
240
280
320
Vgs = 10V
TJ = 25°C
TJ = 125°C
6
7
8
9
10
11
12
13
14
15
VGS, Gate -to -Source Voltage (V)
40
60
80
100
120
140
ID = 8.9A
TJ = 25°C
TJ = 125°C
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 8.9A
VGS = 10V


Similar Part No. - AUIRF7665S2TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF7665S2TR IRF-AUIRF7665S2TR Datasheet
332Kb / 11P
   DirectFETPower MOSFET
logo
Infineon Technologies A...
AUIRF7665S2TR INFINEON-AUIRF7665S2TR Datasheet
480Kb / 11P
   Advanced Process Technology
2015-10-5
logo
International Rectifier
AUIRF7665S2TR1 IRF-AUIRF7665S2TR1 Datasheet
332Kb / 11P
   DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com