Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGF15J Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # UGF15J
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

UGF15J Datasheet(HTML) 1 Page - Zowie Technology Corporation

  UGF15J Datasheet HTML 1Page - Zowie Technology Corporation UGF15J Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PATEN
TED
UGF15A THRU UGF15K
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
Reverse Voltage - 50 to 800 Volts
Forward Current - 1.5 Amperes
FEATURES
MECHANICAL DATA
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Ideal for surface mount automotive applications
* Ultrafast recovery time for high efficiency
* Built-in strain relief
* Easy pick and place
* High temperature soldering guaranteed: 260
o
C/10 seconds,
at terminals
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : JEDEC DO-214AA molded plastic over passivated chip
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.003 ounes , 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current TA=55
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load
Maximum instantaneous forward voltage at 1.5 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
Typical thermal resistance (NOTE 3)
Operating junction and storage temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
trr
CJ
R JA
TJ,TSTG
UGF15
B
D
F
G
J
K
100
200
300
400
600
800
1.5
50
45
0.95
1.25
1.7
2.2
5
80
35
20
20
-55 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
70
140
210
280
420
560
Volts
Maximum DC blocking voltage
VDC
100
A
50
35
50
200
300
400
600
800
Volts
Volts
Amps
Amps
uA
nS
pF
o
C / W
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
Zowie Technology Corporation
REV. : 0
DO-214AA
*Dimensions in inches and (millimeters)
PATEN
TED
PATEN
TED
0.150(3.80)
0.130(3.30)
0.102(2.60)
0.079(2.00)
0.050(1.27)
0.030(0.76)
0.016(0.40)
0.006(0.15)
0.187(4.75)
0.167(4.24)
0.083(2.12)
0.077(1.95)
0.236(6.00)
0.197(5.00)
TM


Similar Part No. - UGF15J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UGF15JT VISHAY-UGF15JT Datasheet
147Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 27-Aug-08
logo
Thinki Semiconductor Co...
UGF15JT THINKISEMI-UGF15JT Datasheet
776Kb / 2P
   15.0 Ampere Insulated Single Ultra Fast Recovery Rectifier Diodes
logo
Vishay Siliconix
UGF15JT-E3/45 VISHAY-UGF15JT-E3/45 Datasheet
147Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 27-Aug-08
UGF15JTHE3/45 VISHAY-UGF15JTHE3/45 Datasheet
147Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 27-Aug-08
More results

Similar Description - UGF15J

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGF30A ZOWIE-UGF30A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGC20DH ZOWIE-UGC20DH Datasheet
67Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
BYD127Z ZOWIE-BYD127Z Datasheet
95Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF20A ZOWIE-UGF20A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
BYD187Z ZOWIE-BYD187Z Datasheet
98Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
SUGC10DH ZOWIE-SUGC10DH Datasheet
70Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP30A ZOWIE-UGP30A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP50D ZOWIE-UGP50D Datasheet
58Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP10A ZOWIE-UGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP15A ZOWIE-UGP15A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com