Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRS2301 Datasheet(PDF) 8 Page - International Rectifier

Part # AUIRS2301
Description  HIGH AND LOW SIDE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRS2301 Datasheet(HTML) 8 Page - International Rectifier

Back Button AUIRS2301 Datasheet HTML 4Page - International Rectifier AUIRS2301 Datasheet HTML 5Page - International Rectifier AUIRS2301 Datasheet HTML 6Page - International Rectifier AUIRS2301 Datasheet HTML 7Page - International Rectifier AUIRS2301 Datasheet HTML 8Page - International Rectifier AUIRS2301 Datasheet HTML 9Page - International Rectifier AUIRS2301 Datasheet HTML 10Page - International Rectifier AUIRS2301 Datasheet HTML 11Page - International Rectifier AUIRS2301 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AUIRS2301S
www.irf.com
© 2009 International Rectifier
8
Input/Output Pin Equivalent Circuit Diagrams:
VCC
COM/VSS
LO
ESD
Diode
ESD
Diode
VB
VS
HO
ESD
Diode
ESD
Diode
25V
25V
600V


Similar Part No. - AUIRS2301

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS2301S IRF-AUIRS2301S Datasheet
402Kb / 19P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2301S INFINEON-AUIRS2301S Datasheet
402Kb / 19P
   HIGH AND LOW SIDE DRIVER
January 14, 2011
logo
International Rectifier
AUIRS2301S IRF-AUIRS2301S_15 Datasheet
402Kb / 19P
   Floating channel designed for bootstrap operation
More results

Similar Description - AUIRS2301

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com