Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3521MTRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3521MTRPBF
Description  XPHASE3TM AMD SVID CONTROL IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521MTRPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3521MTRPBF Datasheet HTML 5Page - International Rectifier IR3521MTRPBF Datasheet HTML 6Page - International Rectifier IR3521MTRPBF Datasheet HTML 7Page - International Rectifier IR3521MTRPBF Datasheet HTML 8Page - International Rectifier IR3521MTRPBF Datasheet HTML 9Page - International Rectifier IR3521MTRPBF Datasheet HTML 10Page - International Rectifier IR3521MTRPBF Datasheet HTML 11Page - International Rectifier IR3521MTRPBF Datasheet HTML 12Page - International Rectifier IR3521MTRPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
IR3521
Page 9
V3.03
PHSOUT FREQUENCY VS RROSC CHART
PHSOUT FREQUENCY vs. RROSC
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
5
1015202530354045
5055
RROSC (KOhm)
Figure 2 - Phout Frequency vs. RROSC chart
System Fault Table
Response
Open
Daisy
Open
Sense
Open
Voltage
UVLO
(VCCL)
Over
Voltage
Disable
VID_OFF
SVID
OC
Before
OC
After
UVLO
(Vout)
Latch
UV & EN Latch
EN Fault Latch
SS Latch
No
Reset
Recycle VCCL then Enable
Recycle Enable
SS discharge below 0.2V
No
Outputs
Affected
Both
Single
Both
Both
Both
Single
Single
Single
Disables
EA
Yes
No
SS/DELx
Discharge
Yes
No
Flags
PGood
Yes
Delays
32
Clock
Pulses
No
8
PHSOUT
Pulses
No
No
250ns
Blanking
Time
No
PHSOUT
Pulses*
SS/DELx
Discharge
Threshold
No
Additional
Flagged
Response
No
Yes,
IINx and
Rosc pins
pulled-up to
VCCL
No
* Pulse number range depends on Rosc value selected (See Specifications Table)


Similar Part No. - IR3521MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35201 IRF-IR35201 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTRPBF IRF-IR35201MTRPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTYPBF IRF-IR35201MTYPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MxxyyTRP1 IRF-IR35201MxxyyTRP1 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35203 IRF-IR35203 Datasheet
1Mb / 56P
   61 Dual Output Digital Multi-Phase Controller
More results

Similar Description - IR3521MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3514 IRF-IR3514 Datasheet
438Kb / 1P
   XPHASE3TM AMD HYBRID CONTROL IC
IR3500 IRF-IR3500 Datasheet
754Kb / 47P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3500A IRF-IR3500A Datasheet
841Kb / 48P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
   XPHASE3TM CONTROL IC
IR3502A IRF-IR3502A Datasheet
446Kb / 38P
   XPHASE3TM CONTROL IC
IR3502 IRF-IR3502_09 Datasheet
1Mb / 39P
   XPHASE3TM CONTROL IC
IR3513Z IRF-IR3513Z Datasheet
738Kb / 36P
   XPHASE3TM POL CONTROL IC
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
IR3522 IRF-IR3522 Datasheet
754Kb / 32P
   XPHASE3TM DDR & VTT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com