Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INT100 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # INT100
Description  Low-Side and High-side Drive with Simultaneous Conduction Lockout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT100 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button INT100 Datasheet HTML 3Page - Power Integrations, Inc. INT100 Datasheet HTML 4Page - Power Integrations, Inc. INT100 Datasheet HTML 5Page - Power Integrations, Inc. INT100 Datasheet HTML 6Page - Power Integrations, Inc. INT100 Datasheet HTML 7Page - Power Integrations, Inc. INT100 Datasheet HTML 8Page - Power Integrations, Inc. INT100 Datasheet HTML 9Page - Power Integrations, Inc. INT100 Datasheet HTML 10Page - Power Integrations, Inc. INT100 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
C
6/96
INT100
7
V
DDH = HS OUT = HS RTN
I
HS RTN = 100 µA
V
DDH = HS OUT = HS RTN = 500 V
V
DDH = HS OUT = HS RTN = 500 V
See Figure 7
See Figure 7
See Note 2
800
0.2
30
20
0
450
0
300
8.5
9.0
10
175
350
1.5
3.0
10
16
BV
DSS
I
HS RTN)
Dt
P+
Dt
P-
V
DD(UV)
V
DDH(UV)
I
DD, IDDH
V
DD, VDDH
V
µA
pF
ns
ns
V
mV
mA
V
LEVEL SHIFT
Breakdown
Voltage
Leakage
Current
Interface
Capacitance
Deadtime (Low
Off to High On)
Deadtime (High
Off to Low On)
Input UV
Trip-off Voltage
Input UV
Hysteresis
Supply
Current
Supply
Voltage
SYSTEM RESPONSE
UNDERVOLTAGE LOCKOUT
SUPPLY
NOTES:
1. Applying a short circuit to the LS OUT or HS OUT pin for more than 500
µs will exceed the thermal rating of the
package, resulting in destruction of the part.
2. V
DD, VDDH supply must have less than 30Ω output impedance.
Conditions
(Unless Otherwise Specified)
Parameter
Symbol
V
DDH =
V
DD = 15 V
Min
Typ
Max
Units
HS RTN = LS RTN = COM = 0 V
T
A = -40 to 85°C


Similar Part No. - INT100

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
INT LINKCOM-INT Datasheet
848Kb / 6P
   50W Programmable Tunable White LED Driver
logo
Vishay Siliconix
INT VISHAY-INT Datasheet
140Kb / 6P
   Custom Substrates - Metal Via / Multilayer / Lumped Element
01-Jan-2022
logo
List of Unclassifed Man...
INT-1462 ETC2-INT-1462 Datasheet
52Kb / 3P
   Conexant Fusion??878A (CX25878A), PC99 Compliant
logo
Shanghai Yint Electroni...
INT.P0080TA YINT-INT.P0080TA Datasheet
574Kb / 4P
   Thyristor Surge Suppressors
INT.P0220TA YINT-INT.P0220TA Datasheet
574Kb / 4P
   Thyristor Surge Suppressors
More results

Similar Description - INT100

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INT200 POWERINT-INT200 Datasheet
95Kb / 12P
   Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT202 POWERINT-INT202 Datasheet
88Kb / 12P
   Low-side Drive and High-side Control for Simultaneous Conduction
logo
ON Semiconductor
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
   High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
   High- and Low-Side, Gate-Drive IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
Fairchild Semiconductor
FAN7392 FAIRCHILD-FAN7392 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7392 ONSEMI-FAN7392 Datasheet
2Mb / 20P
   High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FAN7392 FAIRCHILD-FAN7392_10 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com