Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-100A Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CT-100A
Description  CRIMPING TOOL OPERATION INSTRUCTIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CT-100A Datasheet(HTML) 1 Page - PANDUIT CORP.

  CT-100A Datasheet HTML 1Page - PANDUIT CORP. CT-100A Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CT-100A
CRIMPING TOOL
OPERATION INSTRUCTIONS
WARNING:
Electric Shock Hazard:
Do NOT use this tool
on live wire.
Verify power is “OFF” before
working on wiring with this tool.
The plastic grips are for the user’s comfort,
and are not intended to insulate against
electrical shock while working on
live electrical circuits.
NON-INSULATED AND INSULATED
PARALLEL SPLICE INSTRUCTIONS
1. Insert stripped wire into each end of the
parallel splice. (See product packaging for
proper strip lengths.)
2. Locate parallel splice in proper crimp
pocket.
3. Position crimp pocket on the center of the
metal barrel.
4. Squeeze handles firmly.
CRIMPING TOOL OPERATION INSTRUCTIONS
© Panduit Corp. 2007
CT-100A
PA25519A01
REV: 00 11-2007
See product packaging or contact Customer Service for UL/CSA
approved tooling/product combination.
NOTE: In the interest of higher quality and value, PANDUIT products are continually
being improved and updated. Consequently, pictures may vary from the enclosed
product.
Page: 1 of 2
www.panduit.com
E-mail: cs@panduit.com
For Technical Support:
888-506-5400, ext. 3255
Fax: 630-759-7532
CRIMP POCKET
WIRE CUTTER for No. 10
AWG and smaller copper wire.
CRIMPING DIES for PAN-TERM
insulated terminals, disconnects,
splices and wire joints on No. 22 to
10 AWG stranded wire.
CUTTERS for machine screws
of sizes shown, open handles,
thread in this side. Closing handles
cuts screw 0.15" below surface.
CRIMPING DIE for PAN-TERM
non-insulated terminals, disconnects,
splices and wire joints on No. 22 to
10 AWG solid or stranded wire.
CRIMP POCKETS A and B for
additional terminals and disconnects
per instructions on product packaging.
WIRE LOOP HOLES (2)
WIRE STRIPPER for removing plastic
or rubber wire insulation. Strip length
should allow a minimum of 1/32" of
conductor to extend beyond
terminal barrel.
red dot
blue dot
yellow dot
This tool is made
of hardened steel
and is protected
with a light coat
of oil.


Similar Part No. - CT-100A

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
CT-100-M TEKTRONIX-CT-100-M Datasheet
2Mb / 18P
   Four-channel, Multi-phase AC/DC Power Analyzer
CT-1000-M TEKTRONIX-CT-1000-M Datasheet
2Mb / 18P
   Four-channel, Multi-phase AC/DC Power Analyzer
CT-1000-S TEKTRONIX-CT-1000-S Datasheet
2Mb / 18P
   Four-channel, Multi-phase AC/DC Power Analyzer
logo
DIWELL Electronics Co.,...
CT-1000N-485 DIWELL-CT-1000N-485 Datasheet
1Mb / 5P
   Compact Non-contact Infrared Thermometer
1.0.1 2022. 7. 14.
CT-1000N-485-TESTBOARD DIWELL-CT-1000N-485-TESTBOARD Datasheet
504Kb / 4P
   CT-N Series Test board
1.0.0 2022. 5. 9.
More results

Similar Description - CT-100A

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
MPT5-8AS PANDUIT-MPT5-8AS Datasheet
120Kb / 1P
   CONTROLLED CYCLE TERMINATION TOOL OPERATION INSTRUCTIONS
CT-160 PANDUIT-CT-160 Datasheet
106Kb / 2P
   OPERATION INSTRUCTIONS
CT-1123 PANDUIT-CT-1123 Datasheet
105Kb / 2P
   CONTROLLED CYCLE FERRULE CRIMPING TOOLS OPERATION, INSPECTION and MAINTENANCE INSTRUCTIONS
logo
Rosenberger Hochfrequen...
11W161-800 ROSENBERGER-11W161-800 Datasheet
681Kb / 3P
   Crimping Tool
logo
Weidmuller
9028770000 WEIDMULLER-9028770000 Datasheet
60Kb / 2P
   Assortment crimping tool, Crimping tool: STRIPAX-Plus
September 28, 2021
9028780000 WEIDMULLER-9028780000 Datasheet
60Kb / 2P
   Assortment crimping tool, Crimping tool: STRIPAX-Plus
September 28, 2021
9028790000 WEIDMULLER-9028790000 Datasheet
60Kb / 2P
   Assortment crimping tool, Crimping tool: STRIPAX Plus
September 28, 2021
9028740000 WEIDMULLER-9028740000 Datasheet
62Kb / 2P
   Assortment crimping tool, Crimping tool: PZ 6/5
September 28, 2021
logo
List of Unclassifed Man...
WC-160 ETC2-WC-160 Datasheet
23Kb / 1P
   Hand crimping tool
logo
Pasternack Enterprises,...
PE5006 PASTERNACK-PE5006 Datasheet
229Kb / 1P
   COAXIAL CRIMPING TOOL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com