Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3870MTR1PbF Datasheet(PDF) 8 Page - International Rectifier

Part # IR3870MTR1PbF
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3870MTR1PbF Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3870MTR1PbF Datasheet HTML 4Page - International Rectifier IR3870MTR1PbF Datasheet HTML 5Page - International Rectifier IR3870MTR1PbF Datasheet HTML 6Page - International Rectifier IR3870MTR1PbF Datasheet HTML 7Page - International Rectifier IR3870MTR1PbF Datasheet HTML 8Page - International Rectifier IR3870MTR1PbF Datasheet HTML 9Page - International Rectifier IR3870MTR1PbF Datasheet HTML 10Page - International Rectifier IR3870MTR1PbF Datasheet HTML 11Page - International Rectifier IR3870MTR1PbF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
IR3870MBF
TYPICAL OPERATING DATA (25oC)
(Circuit of Figure 15, VCC = 3.3V, V5 = 5V, V
IN = 12.6V, F = 500kHz Unless otherwise noted)
Figure 5. Output Voltage Regulation Vs
Output Current
Figure 7. Light load Efficiency: V
OUT = 1.1V
Figure 8. Input Power Vs Output Current
80
81
82
83
84
85
86
87
88
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Output Current(A)
0.0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
Eff: 12.6Vin
Eff: 19Vin
Ploss: 12.6Vin
Ploss: 19Vin
1.08900
1.09400
1.09900
1.10400
1.10900
1.11400
02
46
8
10
12
Output Current (A)
19Vin
12.6Vin
Figure 6. System Efficiency: V
OUT = 1.1V
80
81
82
83
84
85
86
87
88
89
90
02
46
8
10
12
Output Current(A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Eff: 12.6Vin
Eff: 19Vin
Ploss: 12.6Vin
Ploss: 19Vin
0
2
4
6
8
10
12
14
16
02468
10
12
Output Current(A)
0.000
0.010
0.020
0.030
0.040
0.050
0.060
0.070
0.080
Vin Ploss
5V PVcc Ploss
3.3V Vcc Ploss


Similar Part No. - IR3870MTR1PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3871M IRF-IR3871M Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3871MPBF IRF-IR3871MPBF Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3871M IRF-IR3871M_15 Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3870MTR1PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com