Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5423AEFS-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD5423AEFS-E2
Description  Analog Input / BTL Output Class-D Speaker Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5423AEFS-E2 Datasheet(HTML) 3 Page - Rohm

  BD5423AEFS-E2 Datasheet HTML 1Page - Rohm BD5423AEFS-E2 Datasheet HTML 2Page - Rohm BD5423AEFS-E2 Datasheet HTML 3Page - Rohm BD5423AEFS-E2 Datasheet HTML 4Page - Rohm BD5423AEFS-E2 Datasheet HTML 5Page - Rohm BD5423AEFS-E2 Datasheet HTML 6Page - Rohm BD5423AEFS-E2 Datasheet HTML 7Page - Rohm BD5423AEFS-E2 Datasheet HTML 8Page - Rohm BD5423AEFS-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Technical Note
3/17
BD5423AEFS
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
0
5
10
15
20
25
30
35
40
10
100
1000
10000
100000
FREQUENCY (Hz)
Vcc=12V
RL=8Ω
Po=1W
L=33µH
C=0.47µF
Cg=0.1µF
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
FREQUENCY (Hz)
Vcc=12V
RL=8Ω
Po=1W
BW=20~20kHz
-100
-80
-60
-40
-20
0
0.001
0.01
0.1
1
10
100
OUTPUT POWER (W)
Vcc=12V
RL=8Ω
fin=1kHz
BW=20~20kHz
0
5
10
15
20
8
10
12
141618
VCC (V)
THD=10%
THD=1%
RL=8Ω
fin=1kHz
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
Vcc=12V
RL=8Ω
Po=1W
BW=20~20kHz
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
OUTPUT POWER (W)
100Hz
1kHz
6kHz
Vcc=12V
RL=8Ω
BW=20~20kHz
Electrical characteristic curves (Reference data)
(1) Under Stereo Operation(RL=8Ω)
Fig. 1 THD+N - Output power
Fig. 2 THD+N - Frequency
Fig. 3 Voltage gain - Frequency
Fig. 4 Crosstalk - Frequency
Fig. 5
Crosstalk - Output power
Fig. 6
Output power - Power supply voltage


Similar Part No. - BD5423AEFS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5423AEFS ROHM-BD5423AEFS Datasheet
479Kb / 18P
   17W17W Class-D Speaker Amplifier for Analog Input
More results

Similar Description - BD5423AEFS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5427EFS ROHM-BD5427EFS_10 Datasheet
520Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5427MUV ROHM-BD5427MUV_10 Datasheet
412Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
   Analog Input/BTL Output Class-D Speaker Amplifier
BD5426MUV ROHM-BD5426MUV_10 Datasheet
454Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5413EFV ROHM-BD5413EFV_10 Datasheet
591Kb / 15P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV ROHM-BD5423MUV_10 Datasheet
591Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5445EFV ROHM-BD5445EFV Datasheet
748Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5444EFV ROHM-BD5444EFV Datasheet
833Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com