Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH5010TR2PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFH5010TR2PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5010TR2PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFH5010TR2PBF Datasheet HTML 1Page - International Rectifier IRFH5010TR2PBF Datasheet HTML 2Page - International Rectifier IRFH5010TR2PBF Datasheet HTML 3Page - International Rectifier IRFH5010TR2PBF Datasheet HTML 4Page - International Rectifier IRFH5010TR2PBF Datasheet HTML 5Page - International Rectifier IRFH5010TR2PBF Datasheet HTML 6Page - International Rectifier IRFH5010TR2PBF Datasheet HTML 7Page - International Rectifier IRFH5010TR2PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFH5010PbF
2
www.irf.com
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case f
–––
0.5
RθJC (Top)
Junction-to-Case
f
–––
15
°C/W
RθJA
Junction-to-Ambient
g
–––
35
RθJA (<10s)
Junction-to-Ambient g
–––
22
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.11
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.5
9.0
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
-8.3
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
206
–––
–––
S
Qg
Total Gate Charge
–––
65
98
Qgs1
Pre-Vth Gate-to-Source Charge
–––
11
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
4.3
–––
Qgd
Gate-to-Drain Charge
–––
20
–––
Qgodr
Gate Charge Overdrive
–––
30
–––
Qsw
Switch Charge (Qgs2 + Qgd)
–––
24
–––
Qoss
Output Charge
–––
18
–––
nC
RG
Gate Resistance
–––
1.2
–––
td(on)
Turn-On Delay Time
–––
9
–––
tr
Rise Time
–––
12
–––
td(off)
Turn-Off Delay Time
–––
27
–––
tf
Fall Time
–––
8.6
–––
Ciss
Input Capacitance
–––
4340
–––
Coss
Output Capacitance
–––
425
–––
Crss
Reverse Transfer Capacitance
–––
162
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current ™
A
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
34
51
ns
Qrr
Reverse Recovery Charge
–––
256
384
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
MOSFET symbol
nA
ns
A
pF
nC
VDS = 50V
–––
VGS = 20V
VGS = -20V
–––
–––
400
–––
–––
100h
Conditions
VGS = 0V, ID = 250uA
Reference to 25°C, ID = 1.0mA
VGS = 10V, ID = 50A e
Conditions
Max.
227
50
ƒ = 1.0MHz
TJ = 25°C, IF = 50A, VDD = 50V
di/dt = 500A/µs
TJ = 25°C, IS = 50A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
–––
RG=1.3Ω
VDS = 25V, ID = 50A
VDS = 100V, VGS = 0V, TJ = 125°C
µA
ID = 50A
ID = 50A
VGS = 0V
VDS = 25V
VDS = VGS, ID = 150µA
VGS = 10V
Typ.
VDS = 100V, VGS = 0V
VDS = 16V, VGS = 0V
VDD = 50V, VGS = 10V
D
S
G


Similar Part No. - IRFH5010TR2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5010PBF IRF-IRFH5010PBF Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
More results

Similar Description - IRFH5010TR2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com