Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5426MUV Datasheet(PDF) 2 Page - Rohm

Part # BD5426MUV
Description  Analog Input / BTL Output Class-D Speaker Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5426MUV Datasheet(HTML) 2 Page - Rohm

  BD5426MUV Datasheet HTML 1Page - Rohm BD5426MUV Datasheet HTML 2Page - Rohm BD5426MUV Datasheet HTML 3Page - Rohm BD5426MUV Datasheet HTML 4Page - Rohm BD5426MUV Datasheet HTML 5Page - Rohm BD5426MUV Datasheet HTML 6Page - Rohm BD5426MUV Datasheet HTML 7Page - Rohm BD5426MUV Datasheet HTML 8Page - Rohm BD5426MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Technical Note
2/15
BD5426MUV
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Operating conditions
The following values assume Ta =25℃. Check for latest values in delivery specifications.
Parameter
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
+10 ~ +16.5
V
Pin 2, 14, 15, 22, 23, 38, 39, 46, 47
Load resistance
RL
6 ~ 16
(Note 5)
(Note 5) Pd should not be exceeded.
Electrical characteristics
Except otherwise specified Ta = 25℃, VCC = 12V, fIN = 1kHz, Rg = 0Ω, RL = 8Ω, MUTEX="H", MS="L"
For latest values, refer to delivery specifications.
Parameter
Symbol
Limits
Unit
Conditions
Whole circuit
Circuit current 1 (Sampling mode)
ICC1
25
mA
With no signal
Circuit current 2 (Muting mode)
ICC2
10
mA
MUTEX = “L”
Control circuit
“H” level input voltage
VIH
2.3 ~ 12
V
SDX, MUTEX, MS
“L” level input voltage
VIL
0 ~ 0.8
V
SDX, MUTEX, MS
Audio circuit
Voltage gain
GV
28
dB
PO = 1W
Maximum output power 1 (Note 6)
PO1
9
W
THD+N = 10%
Maximum output power 2 (Note 6)
PO2
10
W
Vcc=13V, THD+N = 10%
Total harmonic distortion (Note 6)
THD
0.1
%
PO = 1W, BW=20Hz ~ 20kHz
Crosstalk
CT
85
dB
PO = 1W, Rg = 0Ω, BW = IHF-A
Output noise voltage (Sampling mode)
VNO
80
µVrms Rg = 0Ω, BW = IHF-A
Residual noise voltage (Muting mode)
VNOM
1
µVrms Rg = 0Ω, BW = IHF-A, MUTEX = “L”
Internal sampling clock frequency
FOSC
250
kHz
MS = “L” (In master operation)
(Note 6) The rated values of items above indicate average performances of the device, which largely depend on circuit layouts, components,
and power supplies. The reference values are those applicable to the device and components directly installed on a board specified by us.


Similar Part No. - BD5426MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5426MUV ROHM-BD5426MUV Datasheet
342Kb / 16P
   10W10W Class-D Speaker Amplifier for Analog Input
More results

Similar Description - BD5426MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5427EFS ROHM-BD5427EFS_10 Datasheet
520Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5427MUV ROHM-BD5427MUV_10 Datasheet
412Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423AEFS ROHM-BD5423AEFS_10 Datasheet
612Kb / 18P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
   Analog Input/BTL Output Class-D Speaker Amplifier
BD5413EFV ROHM-BD5413EFV_10 Datasheet
591Kb / 15P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV ROHM-BD5423MUV_10 Datasheet
591Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5445EFV ROHM-BD5445EFV Datasheet
748Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5444EFV ROHM-BD5444EFV Datasheet
833Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com