Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5426MUV-E2 Datasheet(PDF) 9 Page - Rohm

Part # BD5426MUV-E2
Description  Analog Input / BTL Output Class-D Speaker Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5426MUV-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BD5426MUV-E2 Datasheet HTML 5Page - Rohm BD5426MUV-E2 Datasheet HTML 6Page - Rohm BD5426MUV-E2 Datasheet HTML 7Page - Rohm BD5426MUV-E2 Datasheet HTML 8Page - Rohm BD5426MUV-E2 Datasheet HTML 9Page - Rohm BD5426MUV-E2 Datasheet HTML 10Page - Rohm BD5426MUV-E2 Datasheet HTML 11Page - Rohm BD5426MUV-E2 Datasheet HTML 12Page - Rohm BD5426MUV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Technical Note
9/15
BD5426MUV
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
12
14,15
25
16,17
18,19
22,2 3
20,2 1
18,1 9
2
5
10
2
5
11
Explanation of Pin Functions - Continued
No.
Symbol
Pin voltage
Pin description
Internal equalizing circuit
10
PLMT3
-
Current-to-voltage conversion pin for
output power limiter function
Connect a register.
11
PLMT4
3.5V
Bias pin for output power limiter function
Connect a register and a capacitor.
12
BSP1P
-
ch1 positive bootstrap pin
Connect a capacitor.
14, 15
VCCP1P
Vcc
ch1 positive power system power supply pin
16, 17
OUT1P
Vcc ~ 0V
ch1 positive PWM signal output pin
Connect with output LPF.
18, 19
GNDP1
0V
ch1 power system GND pin
20, 21
OUT1N
Vcc ~ 0V
ch1 negative PWM signal output pin
Connect with output LPF.
22, 23
VCCP1N
Vcc
ch1 negative power system power supply
pin
25
BSP1N
-
ch1 negative bootstrap pin
Connect a capacitor


Similar Part No. - BD5426MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5426MUV ROHM-BD5426MUV Datasheet
342Kb / 16P
   10W10W Class-D Speaker Amplifier for Analog Input
More results

Similar Description - BD5426MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5427EFS ROHM-BD5427EFS_10 Datasheet
520Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5427MUV ROHM-BD5427MUV_10 Datasheet
412Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423AEFS ROHM-BD5423AEFS_10 Datasheet
612Kb / 18P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
   Analog Input/BTL Output Class-D Speaker Amplifier
BD5413EFV ROHM-BD5413EFV_10 Datasheet
591Kb / 15P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV ROHM-BD5423MUV_10 Datasheet
591Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5445EFV ROHM-BD5445EFV Datasheet
748Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5444EFV ROHM-BD5444EFV Datasheet
833Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com