Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEI30-033-Q12P-C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # UEI30-033-Q12P-C
Description  30W Isolated Wide-Range DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UEI30-033-Q12P-C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  UEI30-033-Q12P-C Datasheet HTML 1Page - Murata Power Solutions Inc. UEI30-033-Q12P-C Datasheet HTML 2Page - Murata Power Solutions Inc. UEI30-033-Q12P-C Datasheet HTML 3Page - Murata Power Solutions Inc. UEI30-033-Q12P-C Datasheet HTML 4Page - Murata Power Solutions Inc. UEI30-033-Q12P-C Datasheet HTML 5Page - Murata Power Solutions Inc. UEI30-033-Q12P-C Datasheet HTML 6Page - Murata Power Solutions Inc. UEI30-033-Q12P-C Datasheet HTML 7Page - Murata Power Solutions Inc. UEI30-033-Q12P-C Datasheet HTML 8Page - Murata Power Solutions Inc. UEI30-033-Q12P-C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UEI30 Series
30W Isolated Wide-Range DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
14 Dec 2009
MDC_UEI Series 30W.A13_long Page 4 of 16
INPUT CHARACTERISTICS
Model Family
Start-up
threshold
Under-
voltage
Shut-
down
Reflected
(back)
Ripple
Current 2
Input Current
Recom-
mended
Fuse
Internal
Input
Filter
Type
Reverse
Polarity
Protection
Remote On/Off Control
Inrush
Tran-
sient
Output
Short
Circuit
Low
Line
Standby
Mode
On/Off
Current
Positive Logic
Negative Logic
V
V
mA pk-pk A2sec
mA
A
mA
A
mA
“P” model suffix “N” model suffix
UEI30-033-Q12P-C
9.5
8.5
30
0.05
50
3.75
1
6
L-C
None,
install
external
fuse
1
OFF=Gnd pin or
–0.7 to +1.2V
max. ON=open
pin or +10 to
+15V max.
OFF=open pin
or +10 to +15V
max. ON=Gnd
pin or –0.7 to
+1.2V max.
UEI30-033-Q48N-C
17.3
16.0*
1.89
6
UEI30-050-Q12P-C
9.5
8.0
3.75
6
UEI30-050-Q48N-C
17.0
16.2
1.89
6
UEI30-120-Q12P-C
9.5
8.3
3.75
3
6
3.5
UEI30-120-Q48N-C
17.0
16.5
1.85
1
4
1
UEI30-150-Q12P-C
9.5
8.3
80
3.72
6
UEI30-150-Q48N-C
16.9
16.3
50
1.83
4
*Specified at half load
OUTPUT CHARACTERISTICS
Model Family
VOUT
Accuracy
Adjustment
Range
Temperature
Coefficient
Capacitive Loading Max.
Overvoltage
protection
50% Load
Low ESR <0.02Ω Max,
resistive load
Hiccup auto-start
after fault removal
% of VNOM
% of VNOM
% of VOUT /ºC
μF
V
UEI30-033-Q12P-C
2
±10
±0.02
2,000
5.0
No
Magnetic
feedback
See ordering guide
UEI30-033-Q48N-C
1
5.0
UEI30-050-Q12P-C
7.0
UEI30-050-Q48N-C
7.3
UEI30-120-Q12P-C
15.5
UEI30-120-Q48N-C
14.1
UEI30-150-Q12P-C
18.5
UEI30-150-Q48N-C
24
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Q12 models
Volts, max. continuous
0-36 VDC to rated specifications
Volts, transient, 100 mSec
50 VDC, no damage
Q48 models
Volts, max. continuous
0-75 VDC to rated specifications
Volts, transient, 100 mSec
100 VDC, no damage
On/Off control, referred to –Vin
-0.7 V. min to +15V max.
Input Reverse Polarity Protection
None, install external fuse
Output Overvoltage
VOUT nom. +20% max.
Output Current
Current-limited. Devices can
withstand sustained short circuit
without damage. The outputs are
not intended to accept appreci-
able reverse current.
Overtemperature Protection
Device includes electronic over-
temperature shutdown protection
under normal operation.
Storage Temperature
-55 to +125
° C.
Lead Temperature
See soldering specifications
Absolute Maximum Ratings
Absolute maximums are stress ratings. Exposure of devices to
greater than any of these conditions may adversely affect long-term
reliability. Proper operation under conditions other than those listed
in the Performance/Functional Specifications Table is not implied nor
recommended.
Maximum Ratings Notes
The transient specifications indicate that sample lots were success-
fully tested for 100 mS at the transient stress voltage and were not
damaged. As a practical matter in your application, it is often difficult
to determine how long an input overvoltage was applied. Therefore,
do not exceed the continuous voltage rating.


Similar Part No. - UEI30-033-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI30-033-Q12P-C MURATA-UEI30-033-Q12P-C Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-033-Q12P-C MURATA-PS-UEI30-033-Q12P-C Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30-033-Q12P-C MURATA-UEI30-033-Q12P-C Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-033-Q12P-C MURATA-PS-UEI30-033-Q12P-C Datasheet
2Mb / 19P
   30W Isolated Wide-Range DC-DC Converters
2023
More results

Similar Description - UEI30-033-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Murata Power Solutions ...
UEI-3.3-15-Q12PR-C MURATA-PS-UEI-3.3-15-Q12PR-C Datasheet
284Kb / 13P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-50-60W MURATA-MDC_UEI-50-60W Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com