Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEI30-033-Q48N-C Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # UEI30-033-Q48N-C
Description  30W Isolated Wide-Range DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UEI30-033-Q48N-C Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button UEI30-033-Q48N-C Datasheet HTML 3Page - Murata Power Solutions Inc. UEI30-033-Q48N-C Datasheet HTML 4Page - Murata Power Solutions Inc. UEI30-033-Q48N-C Datasheet HTML 5Page - Murata Power Solutions Inc. UEI30-033-Q48N-C Datasheet HTML 6Page - Murata Power Solutions Inc. UEI30-033-Q48N-C Datasheet HTML 7Page - Murata Power Solutions Inc. UEI30-033-Q48N-C Datasheet HTML 8Page - Murata Power Solutions Inc. UEI30-033-Q48N-C Datasheet HTML 9Page - Murata Power Solutions Inc. UEI30-033-Q48N-C Datasheet HTML 10Page - Murata Power Solutions Inc. UEI30-033-Q48N-C Datasheet HTML 11Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
UEI30 Series
30W Isolated Wide-Range DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
14 Dec 2009
MDC_UEI Series 30W.A13_long Page 7 of 16
These leakages consist of both an AC stray capacitance coupling component
and a DC leakage resistance. When using the isolation feature, do not allow
the isolation voltage to exceed specifications. Otherwise the converter may
be damaged. Designers will normally use the negative output (-Output) as
the ground return of the load circuit. You can however use the positive output
(+Output) as the ground return to effectively reverse the output polarity.
Minimum Output Loading Requirements
These converters employ a synchronous rectifier design topology. All models
regulate within specification and are stable under no load to full load conditions.
Operation under no load might however slightly increase output ripple and noise.
Thermal Shutdown
To protect against thermal over-stress, these converters include thermal shut-
down circuitry. If environmental conditions cause the temperature of the DC/
DC’s to rise above the Operating Temperature Range up to the shutdown tem-
perature, an on-board electronic temperature sensor will power down the unit.
When the temperature decreases below the turn-on threshold, the converter
will automatically restart. There is a small amount of hysteresis to prevent
rapid on/off cycling. CAUTION: If you operate too close to the thermal limits, the
converter may shut down suddenly without warning. Be sure to thoroughly test
your application to avoid unplanned thermal shutdown.
Temperature Derating Curves
The graphs in the next section illustrate typical operation under a variety of condi-
tions. The Derating curves show the maximum continuous ambient air temperature
and decreasing maximum output current which is acceptable under increasing
forced airflow measured in Linear Feet per Minute (“LFM”). Note that these are
AVERAGE measurements. The converter will accept brief increases in temperature
and/or current or reduced airflow as long as the average is not exceeded.
Note that the temperatures are of the ambient airflow, not the converter
itself which is obviously running at higher temperature than the outside air.
Also note that “natural convection” is defined as very flow rates which are not
using fan-forced airflow. Depending on the application, “natural convection” is
usually about 30-65 LFM but is not equal to still air (0 LFM).
Murata Power Solutions makes Characterization measurements in a closed
cycle wind tunnel with calibrated airflow. We use both thermocouples and an
infrared camera system to observe thermal performance. As a practical matter,
it is quite difficult to insert an anemometer to precisely measure airflow in
most applications. Sometimes it is possible to estimate the effective airflow if
you thoroughly understand the enclosure geometry, entry/exit orifice areas and
the fan flowrate specifications.
CAUTION: If you exceed these Derating guidelines, the converter may have
an unplanned Over Temperature shut down. Also, these graphs are all collected
near Sea Level altitude. Be sure to reduce the derating for higher altitude.
Output Overvoltage Protection (OVP)
This converter monitors its output voltage for an over-voltage condition using
an on-board electronic comparator. The signal is optically coupled to the pri-
mary side PWM controller. If the output exceeds OVP limits, the sensing circuit
will power down the unit, and the output voltage will decrease. After a time-out
period, the PWM will automatically attempt to restart, causing the output volt-
age to ramp up to its rated value. It is not necessary to power down and reset
the converter for the this automatic OVP-recovery restart.
If the fault condition persists and the output voltage climbs to excessive
levels, the OVP circuitry will initiate another shutdown cycle. This on/off cycling
is referred to as “hiccup” mode.
Output Fusing
The converter is extensively protected against current, voltage and temperature
extremes. However, your application circuit may need additional protection. In the
extremely unlikely event of output circuit failure, excessive voltage could be applied
to your circuit. Consider using an appropriate external protection.
Output Current Limiting
As soon as the output current increases to approximately its overcurrent limit,
the DC/DC converter will enter a current-limiting mode. The output voltage will
decrease proportionally with increases in output current, thereby maintaining a
somewhat constant power output. This is commonly referred to as power limiting.
Current limiting inception is defined as the point at which full power falls
below the rated tolerance. See the Performance/Functional Specifications. Note
particularly that the output current may briefly rise above its rated value. This
enhances reliability and continued operation of your application. If the output
current is too high, the converter will enter the short circuit condition.
Output Short Circuit Condition
When a converter is in current-limit mode, the output voltage will drop as
the output current demand increases. If the output voltage drops too low, the
magnetically coupled voltage used to develop PWM bias voltage will also drop,
thereby shutting down the PWM controller. Following a time-out period, the
PWM will restart, causing the output voltage to begin rising to its appropriate
value. If the short-circuit condition persists, another shutdown cycle will initi-
ate. This on/off cycling is called “hiccup mode.” The hiccup cycling reduces the
average output current, thereby preventing excessive internal temperatures.
Trimming the Output Voltage
The Trim input to the converter allows the user to adjust the output voltage over
the rated trim range (please refer to the Specifications). In the trim equations and
circuit diagrams that follow, trim adjustments use either a trimpot or a single
fixed resistor connected between the Trim input and either the +Sense or –Sense
terminals. (On some converters, an external user-supplied precision DC voltage
Figure 3 – Measuring Output Ripple and Noise (PARD)
C1
C1 = 0.1μF CERAMIC
C2 = 10μF LOW ES
LOAD 2-3 INCHES (51-76mm) FROM MODULE
C2
RLOAD
COPPER STRIP
COPPER STRIP
SCOPE
+OUTPUT
−OUTPUT


Similar Part No. - UEI30-033-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI30-033-Q48N-C MURATA-UEI30-033-Q48N-C Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-033-Q48N-C MURATA-PS-UEI30-033-Q48N-C Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30-033-Q48N-C MURATA-UEI30-033-Q48N-C Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-033-Q48N-C MURATA-PS-UEI30-033-Q48N-C Datasheet
2Mb / 19P
   30W Isolated Wide-Range DC-DC Converters
2023
More results

Similar Description - UEI30-033-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Murata Power Solutions ...
UEI-3.3-15-Q12PR-C MURATA-PS-UEI-3.3-15-Q12PR-C Datasheet
284Kb / 13P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-50-60W MURATA-MDC_UEI-50-60W Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com