Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEI30-150-Q12P-C Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # UEI30-150-Q12P-C
Description  30W Isolated Wide-Range DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UEI30-150-Q12P-C Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

Back Button UEI30-150-Q12P-C Datasheet HTML 4Page - Murata Power Solutions Inc. UEI30-150-Q12P-C Datasheet HTML 5Page - Murata Power Solutions Inc. UEI30-150-Q12P-C Datasheet HTML 6Page - Murata Power Solutions Inc. UEI30-150-Q12P-C Datasheet HTML 7Page - Murata Power Solutions Inc. UEI30-150-Q12P-C Datasheet HTML 8Page - Murata Power Solutions Inc. UEI30-150-Q12P-C Datasheet HTML 9Page - Murata Power Solutions Inc. UEI30-150-Q12P-C Datasheet HTML 10Page - Murata Power Solutions Inc. UEI30-150-Q12P-C Datasheet HTML 11Page - Murata Power Solutions Inc. UEI30-150-Q12P-C Datasheet HTML 12Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
UEI30 Series
30W Isolated Wide-Range DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
14 Dec 2009
MDC_UEI Series 30W.A13_long Page 8 of 16
may also be used for trimming). Trimming resistors should have a low tempera-
ture coefficient (±100 ppm/deg.C or less) and be mounted close to the converter.
Keep leads short. If the trim function is not used, leave the trim unconnected.
With no trim, the converter will exhibit its specified output voltage accuracy.
There are two CAUTIONs to observe for the Trim input:
CAUTION: To avoid unplanned power down cycles, do not exceed EITHER the
maximum output voltage OR the maximum output power when setting the trim.
Be particularly careful with a trimpot. If the output voltage is excessive, the OVP
circuit may inadvertantly shut down the converter. If the maximum power is
exceeded, the converter may enter current limiting. If the power is exceeded for
an extended period, the converter may overheat and encounter overtempera-
ture shut down.
CAUTION: Be careful of external electrical noise. The Trim input is a senstive
input to the converter’s feedback control loop. Excessive electrical noise may
cause instability or oscillation. Keep external connections short to the Trim
input. Use shielding if needed.
Trim Equations
Trim Up
Trim Down
<Connect trim resistor
between Trim and –Sense>
<Connect trim resistor
between Trim and +Sense>
Where Vo = Desired output voltage. Adjustment accuracy is subject to resis-
tor tolerances and factory-adjusted output accuracy. Mount trim resistor close
to converter. Use short leads.
Remote On/Off Control
On the input side, a remote On/Off Control can be specified with either positive
or negative logic as follows:
Positive: Models equipped with Positive Logic are enabled when the On/Off
pin is left open or is pulled high to +VIN with respect to –VIN. An internal bias
current causes the open pin to rise to +VIN. Some models will also turn on at
lower intermediate voltages (see Specifications). Positive-polarity devices are
disabled when the On/Off is grounded or brought to within a low voltage (see
Specifications) with respect to –VIN.
Figure 4 – Trim adjustments using a trimpot
LOAD
7 5-22
TURNS
+OUTPUT
TRIM
−OUTPUT
−INPUT
ON/OFF
CONTROL
+INPUT
Figure 5 – Trim adjustments to decrease Output Voltage using a Fixed Resistor
LOAD
RTRIM DOWN
+OUTPUT
TRIM
ON/OFF
CONTROL
+INPUT
−OUTPUT
−INPUT
UP
VO – 5
RT (:) =
2050
12775
5 – VO
RT
(:) =
2050
5110 (Vo - 2.5)
DOWN
UP
VO – 12
RT (:) =
5110
25000
12 – VO
RT
(:) =
5110
10000 (Vo-2.5)
DOWN
UP
DOWN
UEI30-050-Q12/-Q48
UEI30-120-Q12/-Q48
UP
VO – 3.3
RT (:) =
2050
12775
3.3 – VO
RT
(:) =
2050
5110 (Vo - 2.5)
DOWN
UEI30-033-Q12/-Q48
VO – 15
RT (:) =
5110
25000
15 – VO
RT
(:) =
5110
10000 (Vo-2.5)
UEI30-150-Q12/-Q48
Figure 6 – Trim adjustments to increase Output Voltage using a Fixed Resistor
+OUTPUT
TRIM
ON/OFF
CONTROL
+INPUT
LOAD
R TRIM UP
−OUTPUT
−INPUT


Similar Part No. - UEI30-150-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI30-150-Q12P-C MURATA-UEI30-150-Q12P-C Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-150-Q12P-C MURATA-PS-UEI30-150-Q12P-C Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30-150-Q12P-C MURATA-UEI30-150-Q12P-C Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-150-Q12P-C MURATA-PS-UEI30-150-Q12P-C Datasheet
2Mb / 19P
   30W Isolated Wide-Range DC-DC Converters
2023
More results

Similar Description - UEI30-150-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Murata Power Solutions ...
UEI-3.3-15-Q12PR-C MURATA-PS-UEI-3.3-15-Q12PR-C Datasheet
284Kb / 13P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-50-60W MURATA-MDC_UEI-50-60W Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com