Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INT201TFI Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # INT201TFI
Description  Floating Inputs Floating High-side Drive
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT201TFI Datasheet(HTML) 5 Page - Power Integrations, Inc.

  INT201TFI Datasheet HTML 1Page - Power Integrations, Inc. INT201TFI Datasheet HTML 2Page - Power Integrations, Inc. INT201TFI Datasheet HTML 3Page - Power Integrations, Inc. INT201TFI Datasheet HTML 4Page - Power Integrations, Inc. INT201TFI Datasheet HTML 5Page - Power Integrations, Inc. INT201TFI Datasheet HTML 6Page - Power Integrations, Inc. INT201TFI Datasheet HTML 7Page - Power Integrations, Inc. INT201TFI Datasheet HTML 8Page - Power Integrations, Inc. INT201TFI Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
F
2/96
INT201
5
Input Current
Threshold
Output Voltage,
High
Output Voltage,
Low
Output Short
Circuit Current
Turn-on
Delay Time
Rise
Time
Turn-off
Delay Time
Fall
Time
I
HSD1, IHSD2
V
OH
V
OL
I
OS
t
d(on)
t
r
t
d(off)
t
f
I
o= -20 mA
I
o= 40 mA
V
O= 0 V
See Note 1
V
O= VDDH
See Figure 7
See Figure 7
See Figure 7
See Figure 7
mA
V
V
mA
µs
ns
ns
ns
-5
-2.5
V
DDH-1.0 VDDH-0.5
0.3
1.0
-150
300
1.0
1.5
80
120
420
600
50
100
HSD INPUTS
HS OUT
ABSOLUTE MAXIMUM RATINGS1
V
DDH Voltage ............................................................ 16.5 V
Logic Input Voltage ................................... -0.3 V to 5.5 V
HS OUT Voltage ............................ -0.3 V to V
DDH + 0.3 V
Storage Temperature ..................................... –65 to 125
°C
Ambient Temperature ...................................... -40 to 85
°C
Junction Temperature. .............................................. 150
°C
Lead Temperature(2). ................................................ 260
°C
Power Dissipation
PF Suffix (T
A = 25˚C)
.......................................... 1.25 W
PF Suffix (T
A = 70˚C)
........................................ 800 mW
TF Suffix (T
A = 25˚C)
.......................................... 1.04 W
TF Suffix (T
A = 70˚C)
........................................ 667 mW
Thermal Impedance (
θ
JA)
PF Suffix ............................................................. 100
°C/W
TF Suffix ............................................................. 120
°C/W
1. Unless noted, all voltages referenced to SOURCE,
T
A = 25˚C
2. 1/16" from case for 5 seconds.
Conditions
Parameter
Symbol
(Unless Otherwise Specified)
Min
Typ
Max
Units
V
DDH= 15 V, SOURCE = 0V
T
A = -40 to 85°C


Similar Part No. - INT201TFI

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INT200 POWERINT-INT200 Datasheet
95Kb / 12P
   Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT200PFI1 POWERINT-INT200PFI1 Datasheet
95Kb / 12P
   Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT200PFI2 POWERINT-INT200PFI2 Datasheet
95Kb / 12P
   Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT200TFI1 POWERINT-INT200TFI1 Datasheet
95Kb / 12P
   Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT200TFI2 POWERINT-INT200TFI2 Datasheet
95Kb / 12P
   Low-side Drive and High-side Control with Simultaneous Conduction Lockout
More results

Similar Description - INT201TFI

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6205FS ROHM-BM6205FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6206FS ROHM-BM6206FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6207FS ROHM-BM6207FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6208FS ROHM-BM6208FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6209FS ROHM-BM6209FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
logo
Microsemi Corporation
LXM1653-01 MICROSEMI-LXM1653-01 Datasheet
179Kb / 6P
   FLOATING OUTPUT DRIVE, CCFL INVERTER MODULES
logo
International Rectifier
IRS21962S IRF-IRS21962S Datasheet
246Kb / 14P
   Dual channel high-side drivers with floating input
IRS21962SPBF IRF-IRS21962SPBF_15 Datasheet
246Kb / 14P
   Dual channel high-side drivers with floating input
logo
HARTING Technology Grou...
09-14-016-1721 HARTING-09-14-016-1721 Datasheet
505Kb / 2P
   Sliding frame Han 16B, floating side
2021-10-01 |
logo
Rosenberger Hochfrequen...
03K760-S22N3 ROSENBERGER-03K760-S22N3 Datasheet
68Kb / 2P
   FLOATING ADAPTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com