Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

282845-5 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 282845-5
Description  TERMINAL BLOCK PCB MOUNT SIDE WIRE ENTRY, STACKING W/INTERLOCK, 7.62mm PITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

282845-5 Datasheet(HTML) 1 Page - Tyco Electronics

  282845-5 Datasheet HTML 1Page - Tyco Electronics 282845-5 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 282845-5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2828455 PHOENIX-2828455 Datasheet
73Kb / 4P
   Relay connectors - ST-REL7-SG 48/4X21
More results

Similar Description - 282845-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-282857 MACOM-C-282857 Datasheet
84Kb / 2P
   TERMINAL BLOCK, PCB MOUNT, SIDE WIRE ENTRY, STACKING W/INTERLOCK, 5.08mm
C-282856 MACOM-C-282856 Datasheet
184Kb / 2P
   TERMINAL BLOCK, PCB MOUNT SIDE ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
C-284391 MACOM-C-284391 Datasheet
120Kb / 1P
   TERMINAL BLOCK PCB, MOUNT STRAIGHT SIDE WIRE ENTRY, STACKING W/INTERLOCK, 3.5mm, PITCH
C-284392 MACOM-C-284392 Datasheet
48Kb / 1P
   TERMINAL BLOCK, PCB MOUNT STRAIGHT SIDE ENTRY WIRE, STACKING W/INTERLOCK, 3.81mm, PITCH
C-282862 MACOM-C-282862 Datasheet
67Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
284093-2 MACOM-284093-2 Datasheet
180Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.00mm PITCH
C-796684 MACOM-C-796684 Datasheet
64Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
C-1546074 MACOM-C-1546074 Datasheet
97Kb / 2P
   TERMINAL BLOCK PCB MOUNT ANGLED ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-282847 MACOM-C-282847 Datasheet
198Kb / 2P
   TERMINAL BLOCK, PCB MOUNT ANGLED ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-282863 MACOM-C-282863 Datasheet
67Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com