Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29449 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29449
Description  Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29449 Datasheet(HTML) 1 Page - Texas Instruments

  BQ29449 Datasheet HTML 1Page - Texas Instruments BQ29449 Datasheet HTML 2Page - Texas Instruments BQ29449 Datasheet HTML 3Page - Texas Instruments BQ29449 Datasheet HTML 4Page - Texas Instruments BQ29449 Datasheet HTML 5Page - Texas Instruments BQ29449 Datasheet HTML 6Page - Texas Instruments BQ29449 Datasheet HTML 7Page - Texas Instruments BQ29449 Datasheet HTML 8Page - Texas Instruments BQ29449 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
P0012-02
DRBPackage
(TopView)
1
2
3
4
5
6
7
8
OUT
VDD
CD
VC4
VC1
VC2
VC3
GND
bq29440, bq2944L0
bq29449, bq2944L9
www.ti.com
SLUSA15B – MARCH 2010 – REVISED JUNE 2010
Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
(Second-Level Protection)
Check for Samples: bq29440, bq2944L0, bq29449, bq2944L9
1
FEATURES
APPLICATIONS
Second-Level Protection in Li-Ion Battery
2-Series, 3-Series, or 4-Series Cell Secondary
Packs
Protection
Notebook Computers
External Capacitor-Controlled Delay Timer
Power Tools
Low Power Consumption ICC < 2 µA Typical
Portable Equipment and Instrumentation
[VCELL(ALL) < VPROTECT]
High-Accuracy Overvoltage Protection:
±25 mV With TA = 0°C to 60°C
Fixed Overvoltage Protection Thresholds:
4.30 V, 4.35 V
Small 8L QFN Package
DESCRIPTION
The bq2944x is a secondary overvoltage protection IC for 2-series, 3-series, or 4-series cell lithium-ion battery
packs that incorporates a high-accuracy precision overvoltage detection circuit.
FUNCTION
The voltage of each cell in a battery pack is compared to an internal reference voltage. If any cells reach an
overvoltage condition, the bq2944x device starts a timer that provides a delay proportional to the capacitance on
the CD pin. Upon expiration of the internal timer, the OUT pin changes from a low state to a high state. An
optional latch configuration is available that holds the OUT pin in a high state indefinitely after an overvoltage
condition has satisfied the specified delay timer period. The latch is released when the CD pin is shorted to GND.
T
T
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ29449

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29449 TI-BQ29449 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29449 TI-BQ29449 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ29449 TI1-BQ29449 Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ29449DRBR TI-BQ29449DRBR Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29449DRBR TI1-BQ29449DRBR Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
More results

Similar Description - BQ29449

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com