Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

796684-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 796684-4
Description  TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

796684-4 Datasheet(HTML) 1 Page - Tyco Electronics

  796684-4 Datasheet HTML 1Page - Tyco Electronics 796684-4 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 796684-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
796689-2 MACOM-796689-2 Datasheet
59Kb / 1P
   TERMINAL BLOCK, PCB MOUNT ANGLED WIRE ENTRY,K STACKING W/INTERLOCK, 5.00mm PITCH
796689-3 MACOM-796689-3 Datasheet
59Kb / 1P
   TERMINAL BLOCK, PCB MOUNT ANGLED WIRE ENTRY,K STACKING W/INTERLOCK, 5.00mm PITCH
796689-4 MACOM-796689-4 Datasheet
59Kb / 1P
   TERMINAL BLOCK, PCB MOUNT ANGLED WIRE ENTRY,K STACKING W/INTERLOCK, 5.00mm PITCH
796689-5 MACOM-796689-5 Datasheet
59Kb / 1P
   TERMINAL BLOCK, PCB MOUNT ANGLED WIRE ENTRY,K STACKING W/INTERLOCK, 5.00mm PITCH
796689-6 MACOM-796689-6 Datasheet
59Kb / 1P
   TERMINAL BLOCK, PCB MOUNT ANGLED WIRE ENTRY,K STACKING W/INTERLOCK, 5.00mm PITCH
More results

Similar Description - 796684-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-282862 MACOM-C-282862 Datasheet
67Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
C-282856 MACOM-C-282856 Datasheet
184Kb / 2P
   TERMINAL BLOCK, PCB MOUNT SIDE ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
284093-2 MACOM-284093-2 Datasheet
180Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.00mm PITCH
C-282863 MACOM-C-282863 Datasheet
67Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-796748 MACOM-C-796748 Datasheet
55Kb / 1P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.0mm PITCH
C-282851 MACOM-C-282851 Datasheet
70Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-284415 MACOM-C-284415 Datasheet
49Kb / 1P
   TERMINAL BLOCK, PCB MOUNT 90 TOP ENTRY WIRE, STACKING W/INTERLOCK, 3.81mm, PITCH
C-284414 MACOM-C-284414 Datasheet
49Kb / 1P
   TERMINAL BLOCK, PCB MOUNT 90 TOP ENTRY WIRE, STACKING W/INTERLOCK, 3.5mm, PITCH
C-282857 MACOM-C-282857 Datasheet
84Kb / 2P
   TERMINAL BLOCK, PCB MOUNT, SIDE WIRE ENTRY, STACKING W/INTERLOCK, 5.08mm
C-796690 MACOM-C-796690 Datasheet
230Kb / 2P
   TERMINAL BLOCK, PCB MOUNT ANGLED WIRE ENTRYK, STACKING W/INTERLOCK, 5mm PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com