Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7360 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS7360
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7360 Datasheet(HTML) 1 Page - Texas Instruments

  THS7360 Datasheet HTML 1Page - Texas Instruments THS7360 Datasheet HTML 2Page - Texas Instruments THS7360 Datasheet HTML 3Page - Texas Instruments THS7360 Datasheet HTML 4Page - Texas Instruments THS7360 Datasheet HTML 5Page - Texas Instruments THS7360 Datasheet HTML 6Page - Texas Instruments THS7360 Datasheet HTML 7Page - Texas Instruments THS7360 Datasheet HTML 8Page - Texas Instruments THS7360 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
R
S-Video
Y’
R
S-Video
C’
R
Y'/G'
R
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SD1OUT
SD2OUT
SD3OUT
DisableSD
GND
DisableSF
SF1OUT
SF2OUT
SF3OUT
BypassSF
SD1IN
SD2IN
SD3IN
Filter2
V
S+
Filter1
SF1IN
SF2IN
SF3IN
BypassSD
THS7360
Bypass
SDLPF
Bypass
SFLPF
P' /B'
B
R
CVBS
P' /R'
R
R
CVBSOut
Y'Out
75 W
75 W
C'Out
75 W
Y'/G'Out
P' /B'Out
B
P' /R'Out
R
+2.7Vto
+5V
DisableSF
DisableSD
Filter2
Filter1
75 W
75 W
75 W
S-Video
THS7360
www.ti.com
SLOS674 – JUNE 2010
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
Check for Samples: THS7360
1
FEATURES
DESCRIPTION
2345
• Three SDTV Video Amplifiers for CVBS,
Fabricated using the revolutionary, complementary
S-Video, Y’/P’B/P’R, 480i/576i, Y’U’V’, or G'B'R'
Silicon-Germanium (SiGe) BiCom3X process, the
THS7360 is a low-power, single-supply, 2.7-V to 5-V,
Three SD/ED/HD/Full-HD Selectable Filters for
six-channel integrated video buffer. It incorporates
Y’/P’B/P’R, G’B’R’, or Computer RGB
three SDTV filter channels and three selectable filter
Bypassable Sixth-Order Low-Pass Filters:
(SF) channels with SD/ED/HD/Full-HD (also known
Fixed SD Channels: 9.5-MHz
as
True-HD)
HDTV
filtering.
All
filters
feature
sixth-order Butterworth characteristics that are useful
Selectable Filter (SF) Channels:
as digital-to-analog converter (DAC) reconstruction
9.2-MHz/17-MHz/35-MHz/70-MHz
filters
or
as
analog-to-digital
converter
(ADC)
Versatile Input Biasing:
anti-aliasing filters.
DC-Coupled with 120-mV Output Shift
The
THS7360
also
has
flexible
input
coupling
AC-Coupled with Sync-Tip Clamp or Bias
capabilities that can be configured for either ac- or
Gain of 5.6 V/V (SD Channels) and
dc-coupled inputs. The 120-mV output level shift
allows for a full sync dynamic range at the output with
4.5 V/V (SF Channels)
0-V
input.
The
ac-coupled
modes
include
a
+2.7-V to +5-V Single-Supply Operation
transparent sync-tip clamp option for CVBS, Y', and
Rail-to-Rail Output:
G'B'R' signals. AC-coupled biasing for C'/P'B/P'R
Output Swings Within 100 mV from the
channels can easily be achieved by adding an
external resistor to VS+.
Rails: Allows AC or DC Output Coupling
Supports Driving Two Video Lines/Channel
The THS7360 is an ideal choice for all video buffer
applications. Its rail-to-rail output stage with 5.6-V/V
Low Total Quiescent Current: 24.5 mA at 3.3 V
gain (for SD channels) and 4.5-V/V gain (for SF
Disabled Supply Current Function: 0.1 mA
channels) allows for both ac and dc line driving. The
Low Differential Gain/Phase: 0.15%/0.35°
ability to drive two lines, or 75-
Ω loads, allows for
maximum flexibility as a video line driver. The
RoHS-Compliant TSSOP-20 Package
24.5-mA total quiescent current at 3.3 V and 0.1 mA
(disabled mode) makes it a good choice for systems
APPLICATIONS
that
must
meet
power-sensitive
Energy
Star®
Set Top Box Output Video Buffering
standards.
PVR/DVDR Output Buffering
The THS7360 is available in a TSSOP-20 package
BluRay™ Output Video Buffering
that is lead-free and green (RoHS-compliant).
Figure 1. Single-Supply, DC-Input/DC-Output Coupled Video Line Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
BluRay is a trademark of Blu-ray Disc Association (BDA).
3
Energy Star is a registered trademark of Energy Star.
4
Macrovision is a registered trademark of Macrovision Corporation.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7360

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7360 TI-THS7360 Datasheet
967Kb / 43P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7360IPW TI-THS7360IPW Datasheet
967Kb / 43P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7360IPWR TI-THS7360IPWR Datasheet
967Kb / 43P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7360 TI-THS7360_1 Datasheet
967Kb / 43P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
More results

Similar Description - THS7360

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7360 TI-THS7360_1 Datasheet
967Kb / 43P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7364 TI1-THS7364_14 Datasheet
1Mb / 49P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373 TI-THS7373_10 Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373 TI-THS7373 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
logo
3PEAK INC.
TPF134A 3PEAK-TPF134A Datasheet
538Kb / 11P
   4-Channel Video Amplifier with 1-SD and 3-HD 6th-order Filters
logo
Maxim Integrated Produc...
MAX7454 MAXIM-MAX7454 Datasheet
145Kb / 8P
   HD/SD Switchable Video Filters and Buffers
Rev 0; 10/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com