Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA216A4 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA216A4
Description  Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA216A4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA216A4 Datasheet HTML 2Page - Texas Instruments INA216A4 Datasheet HTML 3Page - Texas Instruments INA216A4 Datasheet HTML 4Page - Texas Instruments INA216A4 Datasheet HTML 5Page - Texas Instruments INA216A4 Datasheet HTML 6Page - Texas Instruments INA216A4 Datasheet HTML 7Page - Texas Instruments INA216A4 Datasheet HTML 8Page - Texas Instruments INA216A4 Datasheet HTML 9Page - Texas Instruments INA216A4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
-
60 -40 -20
0
20
40
60
80
100 120 140 160
Temperature ( C)
°
100
80
60
40
20
0
20
40
60
80
100
-
-
-
-
-
Offset Voltage ( V)
m
11,604 Units Sampled
8
7
6
5
4
3
2
1
0
1
2
-
-
-60 -40 -20
0
20
40
60
80
100 120 140 160
Temperature ( C)
°
0.04
0.03
0.02
0.01
0
0.01
0.02
0.03
0.04
-
-
-
-
Eight Typical Units
-60 -40 -20
0
20
40
60
80
100 120 140 160
Temperature ( C)
°
16
14
12
10
8
6
4
2
0
I
B-
I
Q
-60 -40 -20
0
20
40
60
80
100 120 140 160
Temperature ( C)
°
55
45
35
25
15
5
5
-
100
1k
10k
100k
1M
Frequency (Hz)
V
= 10mV Sine
SENSE
INA216A1
INA216A3
INA216A2
INA216A4
INA216
SBOS503B – JUNE 2010 – REVISED JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS
The INA216A1 is used for typical characteristic measurements at TA = +25°C, VS = +4.2V, unless otherwise noted.
INPUT OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OFFSET VOLTAGE vs TEMPERATURE
Figure 1.
Figure 2.
COMMON-MODE REJECTION RATIO vs TEMPERATURE
GAIN ERROR vs TEMPERATURE
Figure 3.
Figure 4.
QUIESCENT CURRENT AND NEGATIVE INPUT BIAS
CURRENT vs TEMPERATURE
GAIN vs FREQUENCY
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): INA216


Similar Part No. - INA216A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA216A4 TI1-INA216A4 Datasheet
994Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
INA216A4RSWR TI1-INA216A4RSWR Datasheet
994Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
INA216A4RSWT TI1-INA216A4RSWT Datasheet
994Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
INA216A4YFFR TI-INA216A4YFFR Datasheet
443Kb / 19P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
INA216A4YFFR TI1-INA216A4YFFR Datasheet
994Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
More results

Similar Description - INA216A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA216 TI-INA216_10 Datasheet
443Kb / 19P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA216 TI-INA216_15 Datasheet
941Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zer첩-Drift Series
INA216 TI1-INA216_16 Datasheet
994Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8217 AD-AD8217 Datasheet
314Kb / 16P
   High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com