Electronic Components Datasheet Search |
|
TPS7A8001DRBR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS7A8001DRBR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 20 page TPS7A80xx www.ti.com SBVS135A – JUNE 2010 – REVISED JUNE 2010 THERMAL INFORMATION TPS7A80xx THERMAL METRIC(1) DRB(2) UNITS 8 PINS qJA Junction-to-ambient thermal resistance(3) 47.8 qJCtop Junction-to-case (top) thermal resistance(4) 83.0 qJB Junction-to-board thermal resistance(5) N/A °C/W yJT Junction-to-top characterization parameter(6) 2.1 yJB Junction-to-board characterization parameter(7) 17.8 qJCbot Junction-to-case (bottom) thermal resistance(8) 12.1 (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953A. (2) Thermal data for the DRB package are derived by thermal simulations based on JEDEC-standard methodology as specified in the JESD51 series. The following assumptions are used in the simulations: (a) The exposed pad is connected to the PCB ground layer through a 2×2 thermal via array. (b) The top and bottom copper layers are assumed to have a 20% thermal conductivity of copper representing a 20% copper coverage. (c) This data were generated with only a single device at the center of a JEDEC high-K (2s2p) board with 3in × 3in copper area. To understand the effects of the copper area on thermal performance, refer to the Power Dissipation and Estimating Junction Temperature sections. (3) The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as specified in JESD51-7, in an environment described in JESD51-2a. (4) The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the top of the package. No specific JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88. (5) The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB temperature, as described in JESD51-8. (6) The junction-to-top characterization parameter, yJT, estimates the junction temperature of a device in a real system and is extracted from the simulation data to obtain qJA using a procedure described in JESD51-2a (sections 6 and 7). (7) The junction-to-board characterization parameter, yJB, estimates the junction temperature of a device in a real system and is extracted from the simulation data to obtain qJA using a procedure described in JESD51-2a (sections 6 and 7). (8) The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88. Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 3 |
Similar Part No. - TPS7A8001DRBR |
|
Similar Description - TPS7A8001DRBR |