Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA330AIDG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA330AIDG4
Description  50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA330AIDG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA330AIDG4 Datasheet HTML 6Page - Texas Instruments OPA330AIDG4 Datasheet HTML 7Page - Texas Instruments OPA330AIDG4 Datasheet HTML 8Page - Texas Instruments OPA330AIDG4 Datasheet HTML 9Page - Texas Instruments OPA330AIDG4 Datasheet HTML 10Page - Texas Instruments OPA330AIDG4 Datasheet HTML 11Page - Texas Instruments OPA330AIDG4 Datasheet HTML 12Page - Texas Instruments OPA330AIDG4 Datasheet HTML 13Page - Texas Instruments OPA330AIDG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
V
OUT
R =20kW
P
OpAmpV =GND
-
OPA330
V
IN
V+=+5V
-5V
Additional
Negative
Supply
R
1
V
EX
V
OUT
V
REF
R
1
OPA330
R
R
R
R
+5V
OPA330
ADS1100
Load
V
I C
2
R
1
4.99kW
R
3
4.99kW
R
4
48.7kW
R
2
49.9kW
+5V
3V
REF3130
R
7
1.18kW
R
SHUNT
1W
R
6
71.5kW
R
N
56W
R
N
56W
(PGAGain=4)
FS=3.0V
StrayGround-LoopResistance
I
LOAD
OPA330
OPA2330
OPA4330
SBOS432D – AUGUST 2008 – REVISED JUNE 2010
www.ti.com
ACHIEVING OUTPUT SWING TO THE OP
The OPA330, OPA2330, and OPA4330 have an
AMP NEGATIVE RAIL
output stage that allows the output voltage to be
pulled to its negative supply rail, or slightly below,
Some applications require output voltage swings from
using
the
technique
previously
described.
This
0V to a positive full-scale voltage (such as +2.5V)
technique only works with some types of output
with excellent accuracy. With most single-supply op
stages. The OPA330, OPA2330, and OPA4330 have
amps,
problems
arise
when
the
output
signal
been characterized to perform with this technique; the
approaches 0V, near the lower output swing limit of a
recommended resistor value is approximately 20k
Ω.
single-supply op amp. A good single-supply op amp
Note that this configuration will increase the current
may swing close to single-supply ground, but will not
consumption by several hundreds of microamps.
reach ground. The output of the OPA330, OPA2330,
Accuracy is excellent down to 0V and as low as
and OPA4330 can be made to swing to ground, or
–2mV. Limiting and nonlinearity occurs below –2mV,
slightly below, on a single-supply power source. To
but excellent accuracy returns as the output is again
do so requires the use of another resistor and an
driven above –2mV. Lowering the resistance of the
additional, more negative, power supply than the op
pull-down resistor will allow the op amp to swing even
amp negative supply. A pull-down resistor may be
further below the negative rail. Resistances as low as
connected between the output and the additional
10k
Ω can be used to achieve excellent accuracy
negative supply to pull the output down below the
down to –10mV.
value that the output would otherwise achieve, as
shown in Figure 20.
APPLICATION CIRCUITS
Figure 21 shows the basic configuration for a bridge
amplifier.
A low-side current shunt monitor is shown in
Figure 22.
Figure 20. For VOUT Range to Ground
Figure 21. Single Op Amp Bridge Amplifier
NOTE: 1% resistors provide adequate common-mode rejection at small ground-loop errors.
Figure 22. Low-Side Current Monitor
10
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA330 OPA2330 OPA4330


Similar Part No. - OPA330AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330AIDG4 TI-OPA330AIDG4 Datasheet
1Mb / 30P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA330AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330 TI-OPA330_1 Datasheet
1Mb / 30P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330 TI-OPA330_15 Datasheet
1Mb / 37P
[Old version datasheet]   50關V VOS, 0.25關V/째C, 35關A CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
354Kb / 14P
[Old version datasheet]   Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com