Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2480PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2480PW
Description  Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2480PW Datasheet(HTML) 4 Page - Texas Instruments

  TPS2480PW Datasheet HTML 1Page - Texas Instruments TPS2480PW Datasheet HTML 2Page - Texas Instruments TPS2480PW Datasheet HTML 3Page - Texas Instruments TPS2480PW Datasheet HTML 4Page - Texas Instruments TPS2480PW Datasheet HTML 5Page - Texas Instruments TPS2480PW Datasheet HTML 6Page - Texas Instruments TPS2480PW Datasheet HTML 7Page - Texas Instruments TPS2480PW Datasheet HTML 8Page - Texas Instruments TPS2480PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
TPS2480
TPS2481
SLUS939A – APRIL 2010 – REVISED JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current (VCC)
Enabled
VEN = Hi VSENSE = VOUT = VVCC
450
1000
IVCC
mA
Disabled
VEN = Lo VSENSE = VVCC = VOUT = 0
90
250
Quiescent current
operating
0.7
1.0
mA
IVS
Quiescent current
Power down mode
6
15
mA
VPOR
Power On reset threshold
2
V
Current Sense Input (SENSE)
ISENSE
Input bias current
VSENSE = VVCC VOUT = VVCC
7.5
20
mA
Reference Voltage Output (VREF)
VREF
Reference voltage
0 < IVREF < 1 mA
3.9
4
4.1
V
Power Limiting Input (PROG)
Input bias current; device
IPROG
0 < VPROG < 4 V VEN = 48 V
5
mA
enabled; sourcing or sinking
Pulldown resistance; device
RPROG
IPROG = 200 mA; VEN = 0 V
375
600
disabled
Power Limiting and Current Limiting (SENSE)
Current sense threshold
VPROG = 2.4 V; VOUT = 0 V or VPROG = 0.9 V; VOUT
VCL
V(VCC-SENSE) with power
17
25
33
= 30 V; VVCC = 48 V
limiting trip
mV
Current sense threshold
VSENSE
V(VCC-sense) without power
VPROG = 4 V; VSENSE = VOUT
45
50
55
limiting trip
VPROG = 4 V; VOUT = VSENSE; V(VCC-SENSE): 0
Large overload response time
tF_TRIP
rising to 200 mV; C(GATE-OUT) = 2 nF; V(GATE-OUT) =
1.2
ms
to GATE low
1 V
Timer Operation (TIMER)
VTIMER = 0 V
15.0
25.0
34.0
ISOURCE
Charge current (sourcing)
VTIMER = 0 V; TJ = 25°C
20.0
25.0
30.0
mA
VTIMER = 5 V
1.50
2.5
3.70
ISINK
Discharge current (sinking)
VTIMER = 5 V; TJ = 25°C
2.10
2.5
3.10
TIMER upper threshold
3.9
4.0
4.1
voltage
V
TIMER lower reset threshold
TPS2481 only
0.96
1.0
1.04
voltage
DRETRY
Fault retry duty cycle
TPS2481 only
0.5%
0.75%
1.0%
Gate Drive Output (GATE)
IGATE
GATE sourcing current
VSENSE = VVCC; V(GATE-OUT) = 7 V; VEN = Hi
15
22
35
mA
VEN = Lo; VGATE = VVCC
1.8
2.4
2.8
GATE sinking current
mA
VEN = Hi; VGATE = VVCC; V(VCC-SENSE)³ 200 mV
75
125
250
VGATE-OUT GATE output voltage
12
16
V
Propagation delay: EN going
VEN = 0 → 2.5 V, 50% of VEN to 50% of VGATE,
tD_ON
25
40
true to GATE output high
VOUT = VVCC, R(GATE-OUT) = 1 MOhm
Propagation delay: EN going
VEN = 2.5 V → 0 V, 50% of VEN to 50% of VGATE,
tD_OFF
false (0 V) to GATE output
0.5
1
ms
VOUT = VVCC, R(GATE-OUT) = 1 MΩ, tFALL < 0.1 ms
low
Propagation delay: TIMER
VTIMER: 0 → 5 V, tRISE < 0.1 ms. 50% of VTIMER to
0.8
1
expires to GATE output low
50% of VGATE, VOUT = VCC , R(GATE-OUT) = 1 MΩ,
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2480 TPS2481


Similar Part No. - TPS2480PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2480PWR TI-TPS2480PWR Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
More results

Similar Description - TPS2480PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
logo
Linear Technology
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com