Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA330AIDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA330AIDR
Description  50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA330AIDR Datasheet(HTML) 4 Page - Texas Instruments

  OPA330AIDR Datasheet HTML 1Page - Texas Instruments OPA330AIDR Datasheet HTML 2Page - Texas Instruments OPA330AIDR Datasheet HTML 3Page - Texas Instruments OPA330AIDR Datasheet HTML 4Page - Texas Instruments OPA330AIDR Datasheet HTML 5Page - Texas Instruments OPA330AIDR Datasheet HTML 6Page - Texas Instruments OPA330AIDR Datasheet HTML 7Page - Texas Instruments OPA330AIDR Datasheet HTML 8Page - Texas Instruments OPA330AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
1
2
3
5
4
V+
OUT
+IN
V
-
-
IN
IN
-
IN+
OUT
V
S
-
V +
S
C3
B2
A3
C1
A1
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-
IN
+IN
V
-
OPA330
OPA2330
OPA4330
SBOS432D – AUGUST 2008 – REVISED JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
OPA330, OPA2330, OPA4330
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–40
+150
°C
Storage Range
–65
+150
°C
Thermal Resistance
qJA
°C/W
SOT23-5
200
°C/W
MSOP-8, SOIC-8, TSSOP-14
150
°C/W
DFN-8
50
°C/W
SC70-5
250
°C/W
WCSP-5
130
°C/W
PIN CONFIGURATIONS
OPA330
OPA330
SOT23-5
SC70-5
(TOP VIEW)
(TOP VIEW)
OPA330
OPA330
SOIC-8
WCSP-5
(TOP VIEW)
(TOP VIEW)
(1)
NC denotes no internal connection.
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA330 OPA2330 OPA4330


Similar Part No. - OPA330AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330AIDR TI-OPA330AIDR Datasheet
1Mb / 30P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330AIDRG4 TI-OPA330AIDRG4 Datasheet
1Mb / 30P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA330AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330 TI-OPA330_1 Datasheet
1Mb / 30P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330 TI-OPA330_15 Datasheet
1Mb / 37P
[Old version datasheet]   50關V VOS, 0.25關V/째C, 35關A CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
354Kb / 14P
[Old version datasheet]   Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com