Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1431IS8-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT1431IS8-PBF
Description  Programmable Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1431IS8-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1431IS8-PBF Datasheet HTML 6Page - Linear Technology LT1431IS8-PBF Datasheet HTML 7Page - Linear Technology LT1431IS8-PBF Datasheet HTML 8Page - Linear Technology LT1431IS8-PBF Datasheet HTML 9Page - Linear Technology LT1431IS8-PBF Datasheet HTML 10Page - Linear Technology LT1431IS8-PBF Datasheet HTML 11Page - Linear Technology LT1431IS8-PBF Datasheet HTML 12Page - Linear Technology LT1431IS8-PBF Datasheet HTML 13Page - Linear Technology LT1431IS8-PBF Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LT1431
0
1431fd
Typical applicaTions
5V Power Supply Monitor with ±500mV
Window and 50mV Hysteresis
Transfer Function
High Efficiency Buck Converter E = 85% to 89%
COLL
REF
GND-F
V+
GND-S
10**
“HIGH” FOR
OVER VOLTAGE OR
UNDER VOLTAGE
5k
1N4148
COLL
REF
GND-F
V+
GND-S
10**
5k
4k*
1k
6k*
1k
*DETERMINES WINDOW SIZE
V = (R – 5k)(0.5mA)
**SETS HYSTERESIS
LT1431 TA13
LT1431
LT1431
VIN
0
0
1
2
3
4
6
1
2
3
4
LT1431 TA14
5
6
5
COLL
1
2
6
5
REF
RMID
3
Q3
2N3904
4
8
7
V+
RTOP
R8*
24.9k
COMP
GND-F
GND-S
LT1431CN8
+
+
R2
1k
C3
0.1µF
C5
0.047µF
C4
0.033µF
R6*
23.7k
5V
2.5A
C6
470µF
16V
0.12
ESR
R7*
24.9k
1431 TA15
Q2
2N3904
D2
BAT85
D4
BAT85
R1
470k
C2
4.7µF
35V
TANT
L1
50µH 3A
R5
680
Q1
VN2222LL
RUN = 0
SHUTDOWN > 3V
R4
100
R3
10k
NOTES: UNLESS OTHERWISE SPECIFIED
1. ALL RESISTANCES ARE IN , 0.25W, 5%
2. ALL CAPACITANCES ARE IN µF, 50V, 10%
3. SHUTDOWN LOGIC STATE MUST BE DEFINED BY A LOGIC GATE OR BY TYING TO GND
1
2
RTN
OFF
1
VIN
D1
BAT85
C1
220µF
35V
D3
MBR330
BOLD LINES INDICATE HIGH CURRENT PATHS
*1% FILM RESISTORS
C1: NICHICON UPL1V221MPH
C3, C4, C5: WIMA MKS-2
C6: NICHICON UPL1C471MPH6
D1, D2: PHILIPS BAT85
D3: MOTOROLA MBR330
L1: COILTRONICS CTX50-3-MP
LT1170
VIN
VC
GND
VSW
FB
3
1
2
4
5


Similar Part No. - LT1431IS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1431IS8 LINER-LT1431IS8 Datasheet
272Kb / 12P
   Programmable Reference
More results

Similar Description - LT1431IS8-PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1431 MICROSEMI-LX1431 Datasheet
163Kb / 7P
   PROGRAMMABLE REFERENCE
logo
Linear Technology
LT1431 LINER-LT1431 Datasheet
272Kb / 12P
   Programmable Reference
LT1431 LINER-LT1431_15 Datasheet
233Kb / 14P
   Programmable Reference
logo
Texas Instruments
TL431 TI-TL431_10 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431_101 TI-TL1431_101 Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
Unisonic Technologies
LL431_1112 UTC-LL431_1112 Datasheet
221Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431-DIE TI-TL431-DIE Datasheet
68Kb / 4P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431 TI-TL1431_06 Datasheet
387Kb / 24P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com