Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY253 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TNY253
Description  TinySwitch Family Energy Efficient, Low Power Off-line Switchers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY253 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TNY253 Datasheet HTML 1Page - Power Integrations, Inc. TNY253 Datasheet HTML 2Page - Power Integrations, Inc. TNY253 Datasheet HTML 3Page - Power Integrations, Inc. TNY253 Datasheet HTML 4Page - Power Integrations, Inc. TNY253 Datasheet HTML 5Page - Power Integrations, Inc. TNY253 Datasheet HTML 6Page - Power Integrations, Inc. TNY253 Datasheet HTML 7Page - Power Integrations, Inc. TNY253 Datasheet HTML 8Page - Power Integrations, Inc. TNY253 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
July 2001
®
Figure 1. Typical Standby Application.
ORDER
PART
NUMBER
85-265
VAC
230 VAC or
115 VAC
w/Doubler
Product Highlights
Lowest Cost, Low Power Switcher Solution
• Lower cost than RCC, discrete PWM and other
integrated/hybrid solutions
• Cost effective replacement for bulky linear adapters
• Lowest component count
• Simple ON/OFF control – no loop compensation devices
• No bias winding – simpler, lower cost transformer
• Allows simple RC type EMI filter for up to 2 W from
universal input or 4 W from 115 VAC input
Extremely Energy Efficient
• Consumes only 30/60 mW at 115/230 VAC with no load
• Meets Blue Angel, Energy Star, Energy 2000 and
200mW European cell phone requirements for standby
• Saves $1 to $4 per year in energy costs (at $0.12/kWHr)
compared to bulky linear adapters
• Ideal for cellular phone chargers, standby power supplies
for PC, TV and VCR, utility meters, and cordless phones.
High Performance at Low Cost
• High voltage powered – ideal for charger applications
• Very high loop bandwidth provides excellent transient
response and fast turn on with practically no overshoot
• Current limit operation rejects line frequency ripple
• Glitch free output when input is removed
• Built-in current limit and thermal protection
• 44 kHz operation (TNY253/4) with snubber clamp
reduces EMI and video noise in TVs & VCRs
• Operates with optocoupler or bias winding feedback
Description
The TinySwitch family uses a breakthrough design to provide
the lowest cost, high efficiency, off-line switcher solution in the
0 to 10 W range. These devices integrate a 700 V power
MOSFET, oscillator, high voltage switched current source,
current limit and thermal shutdown circuitry. They start-up and
run on power derived from the DRAIN voltage, eliminating the
need for a transformer bias winding and the associated circuitry.
And yet, they consume only about 80 mW at no load, from
265VAC input.
A simple ON/OFF control scheme also
eliminates the need for loop compensation.
The TNY253 and TNY254 switch at 44 kHz to minimize EMI
and to allow a simple snubber clamp to limit DRAIN spike
TNY253P
TNY254P
TinySwitch SELECTION GUIDE
PACKAGE
DIP-8
DIP-8
SMD-8
SMD-8
TNY253G
TNY255P
0-2 W
1-4 W
0-4 W
2-5 W
TNY255G
DIP-8
TNY254G
SMD-8
3.5-6.5 W
4-10 W
voltage. At the same time, they allow use of low cost EE16 core
transformers to deliver up to 5 W. The TNY253 is identical to
TNY254 except for its lower current limit, which reduces
output short circuit current for applications under 2.5W.
TNY255 uses higher switching rate of 130kHz to deliver up to
10 W from the same low cost EE16 core for applications such
as PC standby supply. An EE13 or EF13 core with safety
spaced bobbin can be used for applications under 2.5W.
Absence of a bias winding eliminates the need for taping/
margins in most applications, when triple insulated wire is used
for the secondary. This simplifies the transformer construction
and reduces cost.
PI-2178-022699
Wide-Range
HV DC Input
TinySwitch
D
S
EN
BP
+
+
DC Output
Table 1. *Please refer to the Key Application Considerations section
for details.
Recommended Range
for Lowest System Cost*
TNY253/254/255
TinySwitch
®
Family
Energy Efficient, Low Power Off-line Switchers


Similar Part No. - TNY253

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253 POWERINT-TNY253 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
logo
Pulse A Technitrol Comp...
TNY253 PULSE-TNY253 Datasheet
66Kb / 1P
   POWER TRANSFORMERS
logo
Power Integrations, Inc...
TNY253 POWERINT-TNY253 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
TNY253G POWERINT-TNY253G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
TNY253G POWERINT-TNY253G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
More results

Similar Description - TNY253

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253GN-TL POWERINT-TNY253GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253GN POWERINT-TNY253GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN-TL POWERINT-TNY255GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254PN POWERINT-TNY254PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253 POWERINT-TNY253_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com