Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1431IZ-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT1431IZ-PBF
Description  Programmable Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1431IZ-PBF Datasheet(HTML) 4 Page - Linear Technology

  LT1431IZ-PBF Datasheet HTML 1Page - Linear Technology LT1431IZ-PBF Datasheet HTML 2Page - Linear Technology LT1431IZ-PBF Datasheet HTML 3Page - Linear Technology LT1431IZ-PBF Datasheet HTML 4Page - Linear Technology LT1431IZ-PBF Datasheet HTML 5Page - Linear Technology LT1431IZ-PBF Datasheet HTML 6Page - Linear Technology LT1431IZ-PBF Datasheet HTML 7Page - Linear Technology LT1431IZ-PBF Datasheet HTML 8Page - Linear Technology LT1431IZ-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LT1431

1431fd
Typical perForMance characTerisTics
VREF and IREF vs Temperature
ILIMIT vs Temperature with
External Resistor
COLLECTOR VSAT vs
Temperature vs Current
Propagation Delay vs Overdrive
Voltage Gain and Phase
vs Frequency
Transconductance and Phase
vs Frequency (REF to COLL)
2.5V Reference IK vs VKA
VREF and IREF vs V+
VREF and IREF vs V+
VKA (V)
0
600
800
1000
4.0
LT1431 TPC01
400
200
0
1.0
2.0
3.0
5.0
IMIN
500
700
900
300
100
0.5
4.5
1.5
2.5
3.5
V+ (V)
2.5
2.501
2.503
2.505
3.3
LT1431 TPC02
2.499
2.497
2.495
2.7
2.9
3.1
3.5
1.5
2.5
3.5
0.5
–0.5
–1.5
VREF
IREF
2.500
2.502
2.504
2.498
2.496
3.2
2.6
2.8
3.0
3.4
1.0
2.0
3.0
0
–1.0
V+ (V)
0
2.501
2.503
2.505
32
LT1431 TPC03
2.499
2.497
2.495
8
16
24
40
1.5
2.5
3.5
0.5
–0.5
–1.5
VREF
IREF
2.500
2.502
2.504
2.498
2.496
28
4
12
20
36
1.0
2.0
3.0
0
–1.0
TEMPERATURE (°C)
–50
2.4975
2.5000
2.5025
25
75
LT1431 TPC04
2.4950
2.4925
–25
0
50
100
125
2.4900
2.4875
0.33
0.66
1.00
0
–0.33
–0.66
–1.00
VREF
IREF
TEMPERATURE (°C)
–50
1.000
1.125
1.250
25
75
LT1431 TPC05
0.875
0.750
–25
0
50
100
125
0.625
0.500
ILIMIT =
0.7
RLIM + 3.6
AT 25°C
TEMPERATURE (°C)
–50
0.80
1.00
1.20
25
75
LT1431 TPC06
0.60
0.40
–25
0
50
100
125
0.20
0
ICOLL = 100mA
ICOLL = 20mA
ICOLL = 10mA
ICOLL = 50mA
OVERDRIVE (mV)
0
90
120
150
200
LT1431 TPC07
60
30
0
50
100
150
250
75
105
135
45
15
3
1
1k
OUTPUT
5
6
5V
LT1431
VREF ± OVERDRIVE
OUTPUT HIGH-TO-LOW
OUTPUT LOW-TO-HIGH
FREQUENCY (Hz)
20
40
80
120
140
100
10k
100k
10M
LT1431 TPC08
0
1k
1M
100
60
–20
–90
–45
45
135
180
–135
90
0
–180
PHASE
AV
FREQUENCY (Hz)
1010
100
10k
100k
10M
LT1431 TPC09
1k
1M
–90
–45
45
135
180
–135
90
0
–180
109
108
107
106
105
104
103
102
PHASE
gm


Similar Part No. - LT1431IZ-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1431IZ LINER-LT1431IZ Datasheet
272Kb / 12P
   Programmable Reference
More results

Similar Description - LT1431IZ-PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1431 MICROSEMI-LX1431 Datasheet
163Kb / 7P
   PROGRAMMABLE REFERENCE
logo
Linear Technology
LT1431 LINER-LT1431 Datasheet
272Kb / 12P
   Programmable Reference
LT1431 LINER-LT1431_15 Datasheet
233Kb / 14P
   Programmable Reference
logo
Texas Instruments
TL431 TI-TL431_10 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431_101 TI-TL1431_101 Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
Unisonic Technologies
LL431_1112 UTC-LL431_1112 Datasheet
221Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431-DIE TI-TL431-DIE Datasheet
68Kb / 4P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431 TI-TL1431_06 Datasheet
387Kb / 24P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com