Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1175IS8-5-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1175IS8-5-PBF
Description  500mA Negative Low Dropout Micropower Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175IS8-5-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1175IS8-5-PBF Datasheet HTML 5Page - Linear Technology LT1175IS8-5-PBF Datasheet HTML 6Page - Linear Technology LT1175IS8-5-PBF Datasheet HTML 7Page - Linear Technology LT1175IS8-5-PBF Datasheet HTML 8Page - Linear Technology LT1175IS8-5-PBF Datasheet HTML 9Page - Linear Technology LT1175IS8-5-PBF Datasheet HTML 10Page - Linear Technology LT1175IS8-5-PBF Datasheet HTML 11Page - Linear Technology LT1175IS8-5-PBF Datasheet HTML 12Page - Linear Technology LT1175IS8-5-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LT1175

1175fe
applicaTions inForMaTion
normally a good thing when the regulator is used by itself,
but it prevents the user from shutting down the regulator
when a second power source is connected to the LT1175
output. If active output pull-down is needed in shutdown,
it can be added externally with a depletion mode PFET as
shown in Figure 2. Note that the maximum pinch-off volt-
age of the PFET must be less than the positive logic high
level to ensure that the device is completely off when the
regulator is active. The Motorola J177 device has 300Ω
on resistance for zero gate source voltage.
yet allows the power transistor to approach its theoretical
saturation limit.
Output Capacitor
Several new regulator design techniques are used to make
theLT1175extremelytolerantofoutputcapacitorselection.
Like most low dropout designs which use a collector or
drain of the power transistor to drive the output node, the
LT1175 uses the output capacitor as part of the overall
loop compensation. Older regulators generally required
the output capacitor to have a minimum value of 1µF to
100µF, a maximum ESR (Effective Series Resistance) of
0.1Ω to 1Ω and a minimum ESR in the range of 0.03Ω to
0.3Ω. These restrictions usually could be met only with
good quality solid tantalum capacitors. Aluminum capaci-
tors have problems with high ESR unless much higher
values of capacitance are used (physically large). The ESR
of ceramic or film capacitors was too low, which made
the capacitance/ESR zero frequency too high to maintain
phase margin in the regulator. Even with optimum capaci-
tors, loop phase margin was very low in previous designs
when output current was low. These problems led to a new
designtechniquefortheLT1175erroramplifierandinternal
frequency compensation as shown in Figure 3.
A conventional regulator loop consists of error amplifier
A1, driver transistor Q2 and power transistor Q1. Added
to this basic loop are secondary loops generated by Q3
and CF. A DC negative feedback current fed into the error
amplifier through Q3 and RN causes overall loop current
gain to be very low at light load currents. This is not a
problem because very little gain is needed at light loads.
In addition to low gain, the parasitic pole frequency at Q2
base is extended by the DC feedback. The combination of
thesetwoeffectsdramaticallyimprovesloopphasemargin
at light loads and makes the loop tolerant of large ESR in
theoutputcapacitor.Withheavyloads,loopphaseandgain
are not nearly as troublesome and large negative feedback
could degrade regulation. The logarithmic behavior of the
base emitter voltage of Q1 reduces Q3 negative feedback
at heavy loads to prevent poor regulation.
Inaconventionaldesign,evenwiththenonlinearfeedback,
poor loop phase margin would occur at medium to heavy
loads if the ESR of the output capacitor fell below 0.3Ω.
Minimum Dropout Voltage
Dropout voltage is the minimum voltage required between
input and output to maintain proper output regulation.
For older 3-terminal regulator designs, dropout voltage
was typically 1.5V to 3V. The LT1175 uses a saturating
power transistor design which gives much lower dropout
voltage, typically 100mV at light loads and 450mV at full
load. Special precautions were taken to ensure that this
technique does not cause quiescent supply current to be
high under light load conditions. When the regulator input
voltage is too low to maintain a regulated output, the pass
transistor is driven hard by the error amplifier as it tries
to maintain regulation. The current drawn by the driver
transistor could be tens of milliamperes even with little or
no load on the output. This indeed was the case for older
IC designs that did not actively limit driver current when
the power transistor saturated. The LT1175 uses a new
antisaturation technique that prevents high driver current,
Figure 2. Active Output Pull-Down During Shutdown
COUT
≥ 0.1µF
–VIN
Q1*
s
d
SHDN
GND
3V TO 5V
LT1175-5
SENSE
OUTPUT
1175 F02
ILIM4
ILIM2
VIN
* MOTOROLA J177
PINCH-OFF VOLTAGE MUST BE LESS THAN
POSITIVE LOGIC HIGH VOLTAGE
+


Similar Part No. - LT1175IS8-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175IS8-5 LINER-LT1175IS8-5 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175IS8-5 LINER-LT1175IS8-5 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175IS8-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com