Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY256P Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # TNY256P
Description  TinySwitch Plus Energy Efficient, Low Power Off-line Switcher
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY256P Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button TNY256P Datasheet HTML 2Page - Power Integrations, Inc. TNY256P Datasheet HTML 3Page - Power Integrations, Inc. TNY256P Datasheet HTML 4Page - Power Integrations, Inc. TNY256P Datasheet HTML 5Page - Power Integrations, Inc. TNY256P Datasheet HTML 6Page - Power Integrations, Inc. TNY256P Datasheet HTML 7Page - Power Integrations, Inc. TNY256P Datasheet HTML 8Page - Power Integrations, Inc. TNY256P Datasheet HTML 9Page - Power Integrations, Inc. TNY256P Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
C
7/01
TNY256
6
Figure 10. Normal Power-down Timing.
Figure 11. Slow Power-down Timing with External (2 M
Ω)
Resistor Connected to EN/UV Pin.
0
.5
1
Time (s)
0
100
200
300
0
100
200
400
V
DC-BUS
V
DRAIN
0
2.5
5
Time (s)
0
100
200
400
300
0
100
200
V
DC-BUS
V
DRAIN
During power-down, when an external resistor is used, the
power MOSFET will switch for 32 ms after the output loses
regulation. The power MOSFET will then remain off without
any glitches since the under-voltage function prohibits restarts
when the line voltage is low.
Figure 10 illustrates a typical power-down timing waveform of
TNY256. Figure 11 illustrates a very slow power-down timing
waveform of TNY256 as in standby applications. The external
resistor (2 M
Ω) is connected to the EN/UV pin in this case to
prevent restarts.
The TNY256 does not require a bias winding to provide power
to the chip, because it draws the power directly from the DRAIN
pin (see Functional Description above). This has two main
benefits. First, for a nominal application, this eliminates the
cost of an extra bias winding and associated components.
Secondly, for charger applications, the current-voltage
characteristic often allows the output voltage to fall to low
values while still delivering power. This type of application
normally requires a forward-bias winding which has many
more associated components, none of which are necessary with
the TNY256.
Current Limit Operation
Each switching cycle is terminated when the DRAIN current
reaches the current limit of the TNY256. For a given primary
inductance and input voltage, the duty cycle is constant.
However, the duty cycle does change inversely with the input
voltage providing “voltage feed-forward” advantages: good
line ripple rejection and relatively constant power delivery
independent of the input voltage.
BYPASS Pin Capacitor
The BYPASS pin uses a small 0.1
µF ceramic capacitor for
decoupling the internal power supply of the TNY256.
Application Example
The TNY256 is ideal for low cost, high efficiency power
supplies in a wide range of applications such as PC standby,
cellular phone chargers, AC adapters, motor control, appliance
control and ISDN network termination. The 130kHz operation
allows the use of a low cost EE16 core transformer while still
providing good efficiency. The frequency jitter in TNY256
makes it possible to use a single inductor (or two small resistors
if lower efficiency is acceptable) in conjunction with two input
capacitors for input EMI filtering up to the 10W level. The
auto-restart function allows the design to be optimized for
maximum efficiency without consideration for short-circuit
current on the secondary. For applications requiring under-
voltage lockout (UVLO), the TNY256 eliminates several
components and saves cost.
As an example, Figure12 shows a 9V, 0.6A, AC adapter
operating from a universal input range (85-265VAC). The AC
input is rectified and filtered by D1-D4, C1 and C2 to create a
high voltage DC bus which is connected to T1. Inductor L1
forms a pi-filter in conjunction with C1 and C2. The resistor R1
damps resonance in inductor L1.
The frequency jitter in
TNY256 allows it to meet worldwide conducted EMI standards
using a simple pi-filter in combination with a small value
Y1-capacitor C5 and a shield winding between primary and
secondary windings inside transformer T1. Diode D5, capacitor
C3 and resistor R3 form an RCD clamp circuit that limits the
turn-off voltage spike to a safe value on the TNY256 DRAIN
pin.
The secondary winding is rectified and filtered by D6, C6 and
C7 to provide the 9V output. Additional filtering is provided
by L3 and C8. The output voltage is determined by the resistor
network R7 and R8. Resistor R9 maintains a bias current


Similar Part No. - TNY256P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY256P POWERINT-TNY256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
More results

Similar Description - TNY256P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253 POWERINT-TNY253 Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com