Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5281IRGCT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IRGCT
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IRGCT Datasheet(HTML) 2 Page - Texas Instruments

  ADS5281IRGCT Datasheet HTML 1Page - Texas Instruments ADS5281IRGCT Datasheet HTML 2Page - Texas Instruments ADS5281IRGCT Datasheet HTML 3Page - Texas Instruments ADS5281IRGCT Datasheet HTML 4Page - Texas Instruments ADS5281IRGCT Datasheet HTML 5Page - Texas Instruments ADS5281IRGCT Datasheet HTML 6Page - Texas Instruments ADS5281IRGCT Datasheet HTML 7Page - Texas Instruments ADS5281IRGCT Datasheet HTML 8Page - Texas Instruments ADS5281IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
RELATED PRODUCTS
MODEL
RESOLUTION (BITS)
SAMPLE RATE (MSPS)
CHANNELS
ADS5281
12
50
8
ADS5282
12
65
8
ADS5287
10
65
8
ADS5270
12
40
8
ADS5271
12
50
8
ADS5272
12
65
8
ADS5273
12
70
8
ADS5242
12
65
4
ORDERING INFORMATION(1)(2)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY(3)
ADS5281IPFP
Tray
HTQFP-80
PFP
ADS5281I
(PowerPAD)
ADS5281PFPR
Tape and Reel
ADS5281
–40
°C to +85°C
ADS5281IRGCT
Tape and Reel
QFN-64
RGC
AZ5281
ADS5281IRGCR
Tape and Reel
ADS5282IRGCT
Tape and Reel
ADS5282
QFN-64
RGC
–40
°C to +85°C
AZ5282
ADS5282IRGCR
Tape and Reel
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
These devices meet the following planned eco-friendly classification:
Green (RoHS and No Sb/Br): Texas Instruments defines Green to mean Pb-free (RoHS compatible) and free of bromine (Br)- and
antimony (Sb)-based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more information. These devices
have a Cu NiPdAu lead/ball finish.
(3)
Refer to the Package Option Addendum at the end of this document for specific transport media and quantity information.
Over operating free-air temperature range, unless otherwise noted.
ADS528x
UNIT
Supply voltage range, AVDD
–0.3 to +3.9
V
Supply voltage range, LVDD
–0.3 to +2.2
V
Voltage between AVSS and LVSS
–0.3 to +0.3
V
External voltage applied to REFT pin
–0.3 to +3
V
External voltage applied to REFB pin
–0.3 to +2
V
Voltage applied to analog input pins
–0.3 to minimum [3.6, (AVDD + 0.3)]
V
Voltage applied to digital input pins
–0.3 to minimum [3.9, (AVDD + 0.3)]
V
Peak solder temperature
+260
°C
Junction temperature
+125
°C
Storage temperature range
–65 to +150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282


Similar Part No. - ADS5281IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5281IRGCT TI-ADS5281IRGCT Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
More results

Similar Description - ADS5281IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5281 TI-ADS5281 Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5287 TI-ADS5287 Datasheet
476Kb / 31P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com