Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS7001ER-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC25BS7001ER-G
Description  PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS7001ER-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC25BS7001ER-G Datasheet HTML 1Page - Torex Semiconductor XC25BS7001ER-G Datasheet HTML 2Page - Torex Semiconductor XC25BS7001ER-G Datasheet HTML 3Page - Torex Semiconductor XC25BS7001ER-G Datasheet HTML 4Page - Torex Semiconductor XC25BS7001ER-G Datasheet HTML 5Page - Torex Semiconductor XC25BS7001ER-G Datasheet HTML 6Page - Torex Semiconductor XC25BS7001ER-G Datasheet HTML 7Page - Torex Semiconductor XC25BS7001ER-G Datasheet HTML 8Page - Torex Semiconductor XC25BS7001ER-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
XC25BS7 Series
PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
■GENERAL DESCRIPTION
The XC25BS7 series are high frequency, low power consumption PLL clock generator ICs with divider circuit & multiplier PLL
circuit. Laser trimming gives the option of being able to select from input divider ratios (M) of 1 to 256 and output divider
ratios (N) of 1 to 256. Output frequency (fQ0) is equal to reference clock oscillation (fCLKin) multiplied by N/M, within a
range of 1MHz to 100MHz. Further, frequency within a range of 32kHz to 36MHz can be inputted as a reference clock. The
IC stops operation when low level signal is inputted to the CE pin. For this, consumption current can be reduced and output
will be one of high-impedance. Because the series is semi-custom, please ask Torex sales contacts for your requested
specifications such as input/output frequency, supply voltage. However, the series has the limit of specifications; therefore,
your request may not be fully satisfied with your requested frequency range.
■ APPLICATIONS
● Clock for controlling a Imaging dot
● Microcomputer and HDD drives
● Cordless phones
● Wireless communication equipment
● PDAs
● Cameras, VCRs
● Various system clocks
■TYPICAL APPLICATION CIRCUIT
■ TYPICAL PERFORMANCE
CHARACTERISTICS
● PLL output signal jitter 2 (equivalent to an input signal)
XC25BS7001xx (256 multiplier, Input 48kHz, TYP.)
ETR1505-007a
*1: CIN (by-pass capacitor, 0.1μF) should be connected to the
IC as close as possible.
*2: Rq0 is a resistor for unwanted radiation only to use when
needed.
■FEATURES
Input Frequency
: 32kHz ~ 36MHz
(*1)
Output Frequency
: 1MHz ~ 100MHz
(fQ0=fCLKin × N/M)
(*1)
Output Divider (N)
: Selectable from divisions
from 1 to 256
(*1)
Input Divider (M)
: Selectable from divisions
from 1 to 256
(*1)
Operating Voltage Range
: 2.50V ~ 5.50V
(*1)
Low Power Consumption
: CMOS with stand-by function
(*2)
(10μA, MAX. when stand-by)
Packages
Environmentally Friendly
: SOT-25, USP-6C
:EU RoHS Compliant, Pb Free
*1: The series are semi-custom products. Specifications for
each product are limited within the above range. The input
frequency range is set within ±5% of customer’s designated
typical frequency.
*2: When the IC is in stand-by mode, the output becomes high
impedance and the IC stops operation.
Output jitter
Tj2=20 (ns)


Similar Part No. - XC25BS7001ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS7001ER TOREX-XC25BS7001ER Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
More results

Similar Description - XC25BS7001ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8_1 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com