Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1766EFE-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT1766EFE-PBF
Description  5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766EFE-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1766EFE-PBF Datasheet HTML 3Page - Linear Technology LT1766EFE-PBF Datasheet HTML 4Page - Linear Technology LT1766EFE-PBF Datasheet HTML 5Page - Linear Technology LT1766EFE-PBF Datasheet HTML 6Page - Linear Technology LT1766EFE-PBF Datasheet HTML 7Page - Linear Technology LT1766EFE-PBF Datasheet HTML 8Page - Linear Technology LT1766EFE-PBF Datasheet HTML 9Page - Linear Technology LT1766EFE-PBF Datasheet HTML 10Page - Linear Technology LT1766EFE-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LT1766/LT1766-5
7
1766fc
PIN FUNCTIONS
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
BOOST Pin Current
Minimum Input Voltage with 5V
Output
Switch Voltage Drop
JUNCTION TEMPERATURE (°C)
–50
50
100
1766 G10
0
25
75
230
220
210
200
190
180
170
–25
150
125
LOAD CURRENT (A)
0
1766 G11
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
7.5
7.0
6.5
6.0
5.5
5.0
MINIMUM INPUT
VOLTAGE TO START
MINIMUM INPUT
VOLTAGE TO RUN
TA = 25°C
SWITCH CURRENT (A)
0
0.5
1
1.5
1766 G12
45
40
35
30
25
20
15
10
5
0
TA = 25°C
JUNCTION TEMPERATURE (°C)
–50
1.5
1.7
2.1
25
75
1766 G13
1.3
1.1
–25
0
50
100
150
125
0.9
0.7
1.9
SWITCH CURRENT (A)
0
0.5
1
1.5
1766 G14
450
400
350
300
250
200
150
100
50
0
TJ = 125°C
TJ = 150°C
TJ = 25°C
TJ = –40°C
JUNCTION TEMPERATURE (°C)
–50
400
500
600
25
75
1766 G15
300
200
–25
0
50
100
150
125
100
0
VC Pin Shutdown Threshold
Switch Minimum On-Time
vs Temperature
GND (Pins 1, 8, 9, 16, 17): The GND pin connections act
as the reference for the regulated output, so load regula-
tion will suffer if the ground end of the load is not at the
same voltage as the GND pins of the IC. This condition will
occur when load current or other currents flow through
metal paths between the GND pins and the load ground.
Keep the paths between the GND pins and the load ground
short and use a ground plane when possible. The GND
pin also acts as a heat sink and should be soldered to a
large copper plane to reduce thermal resistance. For the
FE package, the exposed pad should be soldered to the
copper ground plane underneath the device. (See Applica-
tions Information—Layout Considerations.)
SW (Pin 2): The switch pin is the emitter of the on-chip
power NPN switch. This pin is driven up to the input pin
voltage during switch on-time. Inductor current drives the
switch pin negative during switch off-time. Negative volt-
age is clamped with the external catch diode. Maximum
negative switch voltage allowed is – 0.8V.
NC (Pins 3, 5, 7, 13): No Connection.


Similar Part No. - LT1766EFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1766 LINER-LT1766 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1766 LINER-LT1766 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1766 LINER-LT1766 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1766 LINER-LT1766 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
More results

Similar Description - LT1766EFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com