Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1789CS8-1-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT1789CS8-1-TRPBF
Description  Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1789CS8-1-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT1789CS8-1-TRPBF Datasheet HTML 1Page - Linear Technology LT1789CS8-1-TRPBF Datasheet HTML 2Page - Linear Technology LT1789CS8-1-TRPBF Datasheet HTML 3Page - Linear Technology LT1789CS8-1-TRPBF Datasheet HTML 4Page - Linear Technology LT1789CS8-1-TRPBF Datasheet HTML 5Page - Linear Technology LT1789CS8-1-TRPBF Datasheet HTML 6Page - Linear Technology LT1789CS8-1-TRPBF Datasheet HTML 7Page - Linear Technology LT1789CS8-1-TRPBF Datasheet HTML 8Page - Linear Technology LT1789CS8-1-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT1789-1/LT1789-10
3
1789fc
3V AND 5V ELECTRICAL CHARACTERISTICS V
S = 3V, 0V; VS = 5V, 0V; RL = 20k, VCM = VREF = half
supply, TA = 25°C, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
LT1789-1
LT1789-10
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOST
Total Input Referred Offset Voltage VOST = VOSI + VOSO/G
VOSI
Input Offset Voltage
G = 1000
15
100
20
160
μV
VOSO
Output Offset Voltage
G = 1 (LT1789-1), G =10 (LT1789-10)
150
750
650
3000
μV
IOS
Input Offset Current
(Note 6)
0.2
4
0.2
4
nA
IB
Input Bias Current
(Note 6)
19
40
19
40
nA
en
Input Noise Voltage,
RTI (Referred to Input)
G = 1, fO = 0.1Hz to 10Hz
G = 10
G = 100, 1000
5.0
1.5
1.0
4.6
1.1
μVP-P
μVP-P
μVP-P
Total RTI Noise = √eni2 + (eno/G)2
eni
Input Noise Voltage Density, RTI
fO = 1kHz (Note 7)
48
85
52
90
nV/√Hz
eno
Output Noise Voltage Density, RTI fO = 1kHz (Note 3)
330
270
nV/√Hz
in
Input Noise Current
fO = 0.1Hz to 10Hz
16
16
pAP-P
Input Noise Current Density
fO = 1kHz
62
62
fA/√Hz
RIN
Input Resistance
VIN = 0V to (+VS) – 1V (Note 6)
0.75
1.6
0.75
1.6
CIN
Input Capacitance
Differential
Common Mode
1.6
1.6
1.6
1.6
pF
pF
VCM
Input Voltage Range
0
+VS – 1
0
+VS – 1.2
V
CMRR
Common Mode Rejection Ratio
1k Source Imbalance (Note 6)
LT1789-1,VCM = 0V to (+VS) – 1V
LT1789-10, VCM = 0V to (+VS) – 1.2V
G = 1
G = 10
G = 100
G = 1000
79
96
100
100
88
106
114
114
88
98
98
105
113
113
dB
dB
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V, VCM = VREF = 1V
G = 1
G = 10
G = 100
G = 1000
90
100
102
102
100
113
116
116
94
102
102
109
120
120
dB
dB
dB
dB
Minimum Supply Voltage
2.2
2.5
2.2
2.5
V
IS
Supply Current
(Note 7)
67
95
67
95
μA
VOL
Output Voltage Swing LOW
(Note 7)
54
100
62
110
mV
VOH
Output Voltage Swing HIGH
(Note 7)
+VS – 0.3 +VS – 0.19
+VS – 0.3 +VS – 0.19
V
ISC
Short-Circuit Current
Short to GND
Short to +VS
2.2
8.5
2.2
8.5
mA
mA
BW
Bandwidth
G = 1
G = 10
G = 100
G = 1000
60
30
3
0.2
25
12
1.5
kHz
kHz
kHz
kHz
SR
Slew Rate
G = 10, VOUT = 0.5V to 4.5V
0.023
0.062
V/μs
Settling Time to 0.01%
4V Step
240
190
μs
RREFIN
Reference Input Resistance
220
220
IREFIN
Reference Input Current
VREF = 0V
2.7
2.7
μA
AVREF
Reference Gain to Output
1 ±0.0001
1 ±0.0001


Similar Part No. - LT1789CS8-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789CS8-1 LINER-LT1789CS8-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789CS8-10 LINER-LT1789CS8-10 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results

Similar Description - LT1789CS8-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com