Electronic Components Datasheet Search |
|
LT1460BIS8-5-PBF Datasheet(PDF) 2 Page - Linear Technology |
|
LT1460BIS8-5-PBF Datasheet(HTML) 2 Page - Linear Technology |
2 / 26 page LT1460 1460fc Input Voltage.............................................................30V Reverse Voltage ......................................................–15V Output Short-Circuit Duration, TA = 25°C VIN > 10V ............................................................5 sec VIN ≤ 10V..................................................... Indefinite (Note 1) Specified Temperature Range (Note 10) Commercial (C)........................................ 0°C to 70°C Industrial (I).........................................–40°C to 85°C High (H)............................................. –40°C to 125°C Storage Temperature Range (Note 2)..... –65°C to 150°C Lead Temperature (Soldering, 10 sec)...................300°C absolute MaxiMuM ratings 3 GND IN 1 TOP VIEW S3 PACKAGE 3-LEAD PLASTIC SOT-23 OUT 2 TJMAX = 125°C, θJA = 228°C/W 1 2 3 4 8 7 6 5 TOP VIEW DNC* VIN DNC* GND DNC* DNC* VOUT DNC* N8 PACKAGE 8-LEAD PLASTIC DIP *CONNECTED INTERNALLY. DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS TJMAX = 150°C, θJA = 130°C/W 1 2 3 4 8 7 6 5 TOP VIEW DNC* DNC* VOUT DNC* DNC* VIN DNC* GND S8 PACKAGE 8-LEAD PLASTIC SO *CONNECTED INTERNALLY. DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS TJMAX = 150°C, θJA = 190°C/W 1 2 3 4 DNC* VIN DNC* GND 8 7 6 5 DNC* DNC* VOUT DNC* TOP VIEW MS8 PACKAGE 8-LEAD PLASTIC MSOP *CONNECTED INTERNALLY. DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS TJMAX = 150°C, θJA = 250°C/W 3 2 1 BOTTOM VIEW VIN VOUT GND Z PACKAGE 3-LEAD TO-92 PLASTIC TJMAX = 150°C, θJA = 160°C/W pin conFiguration |
Similar Part No. - LT1460BIS8-5-PBF |
|
Similar Description - LT1460BIS8-5-PBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |