Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1761MPS5-5-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1761MPS5-5-PBF
Description  100mA, Low Noise, LDO Micropower Regulators in TSOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761MPS5-5-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1761MPS5-5-PBF Datasheet HTML 5Page - Linear Technology LT1761MPS5-5-PBF Datasheet HTML 6Page - Linear Technology LT1761MPS5-5-PBF Datasheet HTML 7Page - Linear Technology LT1761MPS5-5-PBF Datasheet HTML 8Page - Linear Technology LT1761MPS5-5-PBF Datasheet HTML 9Page - Linear Technology LT1761MPS5-5-PBF Datasheet HTML 10Page - Linear Technology LT1761MPS5-5-PBF Datasheet HTML 11Page - Linear Technology LT1761MPS5-5-PBF Datasheet HTML 12Page - Linear Technology LT1761MPS5-5-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LT1761 Series
9
1761sff
TYPICAL PERFORMANCE CHARACTERISTICS
LT1761-3.3
Quiescent Current
LT1761-5
Quiescent Current
LT1761-BYP, LT1761-SD
Quiescent Current
LT1761-1.2
GND Pin Current
LT1761-1.5
GND Pin Current
LT1761-1.8
GND Pin Current
LT1761-2.5
Quiescent Current
LT1761-2.8
Quiescent Current
LT1761-3
Quiescent Current
INPUT VOLTAGE (V)
0
200
175
150
125
100
75
50
25
0
8
1761 G13
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL = ∞
VSHDN = 0V
INPUT VOLTAGE (V)
0
200
175
150
125
100
75
50
25
0
8
1761 G54
2
13
5
7
9
4
6
10
TJ = 25°C
RL = ∞
VSHDN = 0V
VSHDN = VIN
INPUT VOLTAGE (V)
0
200
175
150
125
100
75
50
25
0
8
1761 G14
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL = ∞
VSHDN = 0V
INPUT VOLTAGE (V)
0
200
175
150
125
100
75
50
25
0
8
1761 G15
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL = ∞
VSHDN = 0V
INPUT VOLTAGE (V)
0
200
175
150
125
100
75
50
25
0
8
1761 G16
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL = ∞
VSHDN = 0V
INPUT VOLTAGE (V)
02
6
10
14
18
30
25
20
15
10
5
0
4
8
12
16
1761 G17
20
TJ = 25°C
RL = 250k
IL = 5μA
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
1761 G17b
0123
4
5
67
8
9
10
TJ = 25°C
*FOR VOUT = 1.2V
RL = 12Ω
IL = 100mA*
RL = 24Ω
IL = 50mA*
RL = 120Ω
IL = 10mA*
RL = 1.2k
IL = 1mA*
INPUT VOLTAGE (V)
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
1761 G55
0123
4
5
67
8
9
10
TJ = 25°C
*FOR VOUT = 1.5V
RL = 15Ω
IL = 100mA*
RL = 30Ω
IL = 50mA*
RL = 150Ω
IL = 10mA*
RL = 1.5k
IL = 1mA*
INPUT VOLTAGE (V)
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
1761 G02
0123
4
5
67
8
9
10
TJ = 25°C
*FOR VOUT = 1.8V
RL = 18Ω
IL = 100mA*
RL = 36Ω
IL = 50mA*
RL = 180Ω
IL = 10mA*
RL = 1.8k
IL = 1mA*


Similar Part No. - LT1761MPS5-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1761MPS5-5 LINEAR_DIMENSIONS-LT1761MPS5-5 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
More results

Similar Description - LT1761MPS5-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Dimensions Semic...
LT1761ES5-BYPTRPBF LINEAR_DIMENSIONS-LT1761ES5-BYPTRPBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com