Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1175IN8-TR Datasheet(PDF) 7 Page - Linear Technology

Part # LT1175IN8-TR
Description  500mA Negative Low Dropout Micropower Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175IN8-TR Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1175IN8-TR Datasheet HTML 3Page - Linear Technology LT1175IN8-TR Datasheet HTML 4Page - Linear Technology LT1175IN8-TR Datasheet HTML 5Page - Linear Technology LT1175IN8-TR Datasheet HTML 6Page - Linear Technology LT1175IN8-TR Datasheet HTML 7Page - Linear Technology LT1175IN8-TR Datasheet HTML 8Page - Linear Technology LT1175IN8-TR Datasheet HTML 9Page - Linear Technology LT1175IN8-TR Datasheet HTML 10Page - Linear Technology LT1175IN8-TR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LT1175

1175fe
pin FuncTions
VIN (Pins 1, 8/Pin 3, Tab/Pin 2, Tab/Pins 1, 8/Pin 3, Tab):
Power is supplied to the device through this pin. A bypass
capacitor is required on this pin if the device is more than
six inches away from the main filter capacitor. In general,
the impedance of a battery rises with frequency, so it is
advisabletoincludeabypasscapacitorinbattery-powered
circuits. A 1µF or larger tantalum capacitor is suggested
for all applications, but if low ESR capacitors such as
ceramic or film are used for the output and input capaci-
tors, the input capacitor should be three times the value
of the output capacitor.
ILIM2, ILIM4 (Pins 2, 7/NA/NA/Pins 2, 7/NA): The two
currentlimitpinsareemittersectionsofthepowertransis-
tor. When left open, they float several hundred millivolts
above the negative input voltage. When shorted to the
input voltage, they increase current limit by a minimum
of 200mA for ILIM2 and 400mA for ILIM4. These pins must
be connected only to the input voltage, either directly or
through a resistor.
OUTPUT (Pin 3/Pin 1/Pin 1/Pin 3/Pin 1): The OUTPUT pin
isthecollectoroftheNPNpowertransistor.Itcanbeforced
to the input voltage, to ground or up to 2V positive with
respect to ground without damage or latchup (see Output
VoltageReversalinApplicationsInformationsection).The
LT1175 has foldback current limit, so maximum current at
the OUTPUT pin is a function of input-to-output voltage.
See Typical Performance Characteristics.
SENSE (Pin 4/Pin 2/NA/Pin 4/Pin 2): The SENSE pin is
used in the adjustable version to allow custom selection
of output voltage, with an external divider set to generate
3.8V at the SENSE pin. Input bias current is typically 75nA
flowing out of the pin. Maximum forced voltage on the
SENSE pin is 2V and –10V with respect to GND pin.
The fixed 5V version utilizes the SENSE pin to give true
Kelvin connections to the load or to drive an external pass
transistor for higher output currents. Bias current out
of the 5V SENSE pin is approximately 12µA. Separating
the SENSE and OUTPUT pins also allows for a new loop
compensation technique described in the Applications
Information section.
GND (Pin 5/Pin 4/Pin 3/Pin 5/Pin 4): The GND pin has a
quiescent current of 45µA at zero load current, increas-
ing by approximately 10µA per mA of output current. At
500mA output current, GND pin current is about 5mA.
Current flows into the GND pin.
SHDN (Pin 6/Pin 5/NA/Pin 6/Pin 5): The SHDN pin is
specially configured to allow it to be driven from either
positive voltage logic or with negative only logic. Forc-
ing the SHDN pin 2V either above or below the GND
pin will turn the regulator on. This makes it simple to
connect directly to positive logic signals for active low
shutdown. If no positive voltages are available, the
SHDN pin can be driven below the GND pin to turn the
regulator on. When left open, the SHDN pin will default
low to a regulator “on” condition. For all voltages below
absolute maximum ratings, the SHDN pin draws only a
few microamperes of current (see Typical Performance
Characteristics).Maximumvoltageonthe SHDNpinis15V,
–20V with respect to the GND pin and 35V, –5V with
respect to the negative input pin.
(N8/Q/ST/S8/T)


Similar Part No. - LT1175IN8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175IN8-5 LINER-LT1175IN8-5 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175IN8-5 LINER-LT1175IN8-5 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175IN8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com