Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2451CDDB-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2451CDDB-TRPBF
Description  Ultra-Tiny, 16-Bit DS ADC with I2C Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2451CDDB-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2451CDDB-TRPBF Datasheet HTML 6Page - Linear Technology LTC2451CDDB-TRPBF Datasheet HTML 7Page - Linear Technology LTC2451CDDB-TRPBF Datasheet HTML 8Page - Linear Technology LTC2451CDDB-TRPBF Datasheet HTML 9Page - Linear Technology LTC2451CDDB-TRPBF Datasheet HTML 10Page - Linear Technology LTC2451CDDB-TRPBF Datasheet HTML 11Page - Linear Technology LTC2451CDDB-TRPBF Datasheet HTML 12Page - Linear Technology LTC2451CDDB-TRPBF Datasheet HTML 13Page - Linear Technology LTC2451CDDB-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC2451
10
2451ff
The user can send one byte of data into the LTC2451
following a Write request and an ACK. The sequence is
shown in Figure 3. The Write sequence is used solely to
set the conversion speed. The default conversion speed
is 60Hz. The user can specify a 30Hz conversion speed by
setting the eighth bit (S30) = 1, or specify a 60Hz conversion
speed by setting the eighth bit (S30) = 0.
After a Read request and an ACK, the LTC2451 can output
data, as shown in Figure 4. The data output stream is 16 bits
long and is shifted out on the falling edges of SCL. The first
bit is the MSB (D15) and is followed by successively less
significant bits (D14, D13 ...) until the LSB (D0) is output by
the LTC2451. This sequence is summarized in Figure 5.
OPERATION SEQUENCE
Continuous Read
Conversions from the LTC2451 can be continuously read
(see Figure 7). At the end of a Read operation, a new
conversion automatically begins. At the conclusion of
the conversion cycle, the next result may be read using
the method described above. If the conversion cycle is
not concluded and a valid address selects the device, the
LTC2451 generates a NAK signal indicating the conversion
cycle is in progress.
Figure 3. Timing Diagram for Write Sequence
APPLICATIONS INFORMATION
Figure 4. Timing Diagram for Read Sequence
Figure 5. Conversion Sequence
1
789
2
3
14
S30
W
SDA
SCL
7-BIT
ADDRESS
START BY
MASTER
S30 = 1: 30Hz MODE
S30 = 0: 60Hz MODE
56
7
8
9
ACK BY
LTC2451
SLEEP
DATA INPUT
2451 F03
ACK BY
MASTER
17
8
9
2
3
18
D8
D13
D14
MSB
D15
R
SDA
SCL
7-BIT
ADDRESS
START BY
MASTER
D7
D6
D5
D0
LSB
91
2
3
8
9
ACK BY
LTC2451
ACK BY
MASTER
NACK BY
MASTER
SLEEP
DATA OUTPUT
CONVERT
2451 F04
SLEEP
7-BIT ADDRESS
(0010100)
SP
R
ACK
READ
DATA OUTPUT
CONVERSION
CONVERSION
2451 F05


Similar Part No. - LTC2451CDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2451CDDB-TRPBF LINER-LTC2451CDDB-TRPBF Datasheet
223Kb / 16P
   Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
More results

Similar Description - LTC2451CDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2451 LINER-LTC2451_15 Datasheet
1Mb / 20P
   Ultra-Tiny, 16-Bit ADC with I2C Interface
LTC2451 LINER-LTC2451 Datasheet
223Kb / 16P
   Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
LTC2453 LINER-LTC2453_1 Datasheet
200Kb / 18P
   Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
LTC2453 LINER-LTC2453 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2452 LINER-LTC2452_15 Datasheet
484Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface
LTC2452 LINER-LTC2452_11 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2452 LINER-LTC2452 Datasheet
294Kb / 20P
   Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
LTC2450-1 LINER-LTC2450-1 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450-1 LINER-LTC2450-1_15 Datasheet
208Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450 LINER-LTC2450 Datasheet
633Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com