Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1766IGN-5-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT1766IGN-5-TRPBF
Description  5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766IGN-5-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1766IGN-5-TRPBF Datasheet HTML 2Page - Linear Technology LT1766IGN-5-TRPBF Datasheet HTML 3Page - Linear Technology LT1766IGN-5-TRPBF Datasheet HTML 4Page - Linear Technology LT1766IGN-5-TRPBF Datasheet HTML 5Page - Linear Technology LT1766IGN-5-TRPBF Datasheet HTML 6Page - Linear Technology LT1766IGN-5-TRPBF Datasheet HTML 7Page - Linear Technology LT1766IGN-5-TRPBF Datasheet HTML 8Page - Linear Technology LT1766IGN-5-TRPBF Datasheet HTML 9Page - Linear Technology LT1766IGN-5-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LT1766/LT1766-5
6
1766fc
DUTY CYCLE (%)
1.0
1.5
2.0
2.5
20
40
TYPICAL
60
80
1766 G01
100
0
GUARANTEED MINIMUM
TA = 25°C
JUNCTION TEMPERATURE (°C)
–50
1.224
1.229
1.234
25
75
1766 G02
1.219
1.214
–25
0
50
100 125 150
1.209
1.204
1.5
2.0
1.0
0.5
0
VOLTAGE
CURRENT
JUNCTION TEMPERATURE (°C)
–50
250
200
150
100
12
6
0
25
75
1766 G03
–25
0
50
100
150
125
CURRENT REQUIRED TO FORCE SHUTDOWN
(FLOWS OUT OF PIN). AFTER SHUTDOWN,
CURRENT DROPS TO A FEW μA
AT 2.38V STANDBY THRESHOLD
(CURRENT FLOWS OUT OF PIN)
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Peak Current Limit
SHDN Pin Bias Current
Shutdown Supply Current
Lockout and Shutdown
Thresholds
Shutdown Supply Current
Error Amplifier Transconductance
FB Pin Voltage and Current
Error Amplifier Transconductance
JUNCTION TEMPERATURE (°C)
–50
50
100
1766 G04
0
25
75
2.4
2.0
1.6
1.2
0.8
0.4
0
–25
150
125
LOCKOUT
START-UP
SHUTDOWN
INPUT VOLTAGE (V)
0
1766 G05
10
20
30
40
50
60
40
35
30
25
20
15
10
5
0
VSHDN = 0V
TA = 25°C
SHUTDOWN VOLTAGE (V)
0
0
50
100
150
200
250
300
0.1
0.2
0.3
0.4
1766 G06
0.5
VIN = 60V
VIN = 15V
TA = 25°C
JUNCTION TEMPERATURE (°C)
1766 G07
2500
2000
1500
1000
500
0
–50
50
100
0
25
75
–25
150
125
FREQUENCY (Hz)
3000
2500
2000
1500
1000
500
200
150
100
50
0
–50
100
10k
100k
10M
1766 G08
1k
1M
GAIN
PHASE
ERROR AMPLIFIER EQUIVALENT CIRCUIT
ROUT
200k
COUT
12pF
VC
RLOAD = 50Ω
VFB 2 • 10
–3
)
(
TA = 25°C
VFB (V)
0
300
400
600
500
1766 G09
200
100
0
0.5
1.0
1.5
SWITCHING
FREQUENCY
FB PIN
CURRENT
TA = 25°C
Frequency Foldback


Similar Part No. - LT1766IGN-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1766 LINER-LT1766 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1766 LINER-LT1766 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1766 LINER-LT1766 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1766 LINER-LT1766 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
More results

Similar Description - LT1766IGN-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com