Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6201P502PR-G Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6201P502PR-G
Description  Positive Voltage Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P502PR-G Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6201P502PR-G Datasheet HTML 1Page - Torex Semiconductor XC6201P502PR-G Datasheet HTML 2Page - Torex Semiconductor XC6201P502PR-G Datasheet HTML 3Page - Torex Semiconductor XC6201P502PR-G Datasheet HTML 4Page - Torex Semiconductor XC6201P502PR-G Datasheet HTML 5Page - Torex Semiconductor XC6201P502PR-G Datasheet HTML 6Page - Torex Semiconductor XC6201P502PR-G Datasheet HTML 7Page - Torex Semiconductor XC6201P502PR-G Datasheet HTML 8Page - Torex Semiconductor XC6201P502PR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/24
XC6201 Series
PIN NUMBER
SOT-25
SOT-89/TO-92 (T)
USP-6B
PIN NAME
FUNCTION
5
1
3
VOUT
Output
2
2
5
VSS
Ground
1
3
1
VIN
Power Input
3, 4
2,4,6
NC
No Connection
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
Product Number
01
-
Type of Regulator
P
3-pin regulator
③④
Output Voltage
13~60
e.g. 30:3.0V
50:5.0V
1
±
1%
Output Voltage Accuracy
2
±
2%
MR
SOT-25
MR-G
SOT-25
PR
SOT-89
PR-G
SOT-89
TH
TO-92 Taping Type: Paper type
TH-G
TO-92 Taping Type: Paper type
TB
TO-92 Taping Type: Bag
TB-G
TO-92 Taping Type: Bag
DR
USP-6B
⑥⑦-⑧
Packages
Taping Type
(*2)
DR-G
USP-6B
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Ordering Information
*The dissipation pad for the USP-6B
package should be solder-plated in
recommended mount pattern and
metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to
the VSS (No.5) pin.
NC
VSS
NC
VIN
NC
VOUT
X C 6 2 0 1 P ③④⑤⑥⑦-(*1)
① ②
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑥R-⑧, Reverse orientation: ⑥L-⑧)
* +1% accuracy can be set at VOUT(T) > 2.0V.
(SIDE VIEW)


Similar Part No. - XC6201P502PR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P502PR-G TOREX-XC6201P502PR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC6201P502PR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com