Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1766IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT1766IGN
Description  5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1766IGN Datasheet HTML 7Page - Linear Technology LT1766IGN Datasheet HTML 8Page - Linear Technology LT1766IGN Datasheet HTML 9Page - Linear Technology LT1766IGN Datasheet HTML 10Page - Linear Technology LT1766IGN Datasheet HTML 11Page - Linear Technology LT1766IGN Datasheet HTML 12Page - Linear Technology LT1766IGN Datasheet HTML 13Page - Linear Technology LT1766IGN Datasheet HTML 14Page - Linear Technology LT1766IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LT1766/LT1766-5
11
1766fc
APPLICATIONS INFORMATION
divider impedance is not critical, caution should be used if
resistors are increased beyond the suggested values and
short-circuit conditions occur with high input voltage. High
frequency pickup will increase and the protection accorded
by frequency and current foldback will decrease.
CHOOSING THE INDUCTOR
For most applications, the output inductor will fall into
the range of 15μH to 100μH. Lower values are chosen to
reduce physical size of the inductor. Higher values allow
more output current because they reduce peak current
seen by the LT1766 switch, which has a 1.5A limit. Higher
values also reduce output ripple voltage.
When choosing an inductor you will need to consider
output ripple voltage, maximum load current, peak induc-
tor current and fault current in the inductor. In addition,
other factors such as core and copper losses, allowable
component height, EMI, saturation and cost should also
be considered. The following procedure is suggested
as a way of handling these somewhat complicated and
conflicting requirements.
Output Ripple Voltage
Figure 3 shows a typical output ripple voltage wave-
form for the LT1766. Ripple voltage is determined by
ripple current (ILP-P) through the inductor and the high
frequency impedance of the output capacitor. The fol-
lowing equations will help in choosing the required
inductor value to achieve a desirable output ripple volt-
age level. If output ripple voltage is of less importance,
the subsequent suggestions in Peak Inductor and Fault
Current and EMI will additionally help in the selection of
the inductor value.
Peak-to-peak output ripple voltage is the sum of a triwave
(created by peak-to-peak ripple current (ILP-P) times ESR)
and a square wave (created by parasitic inductance (ESL)
and ripple current slew rate). Capacitive reactance is as-
sumed to be small compared to ESR or ESL.
V
I
ESR
ESL
dI
dt
RIPPLE
LP P
=
()( )+()
-
Figure 2. Frequency and Current Limit Foldback
+
1.2V
BUFFER
VSW
L1
VC
GND
TO SYNC CIRCUIT
1766 F02
TO FREQUENCY
SHIFTING
R3
1k
R4
2k
R1
C1
R2
5k
OUTPUT
5V
ERROR
AMPLIFIER
FB
1.4V
Q1
LT1766
Q2
+
Figure 3. LT1766 Ripple Voltage Waveform
2.5μs/DIV
40mV/DIV
VOUT AT IOUT = 1A
VOUT AT IOUT = 0.1A
INDUCTOR CURRENT
AT IOUT = 1A
INDUCTOR CURRENT
AT IOUT = 0.1A
0.5A/DIV
VIN = 40V
VOUT = 5V
L = 47μH
C = 100μF, 10V, 0.1Ω
1766 F03


Similar Part No. - LT1766IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1766 LINER-LT1766 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1766 LINER-LT1766 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1766 LINER-LT1766 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1766 LINER-LT1766 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
More results

Similar Description - LT1766IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com