Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2480HMS-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2480HMS-PBF
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480HMS-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2480HMS-PBF Datasheet HTML 7Page - Linear Technology LTC2480HMS-PBF Datasheet HTML 8Page - Linear Technology LTC2480HMS-PBF Datasheet HTML 9Page - Linear Technology LTC2480HMS-PBF Datasheet HTML 10Page - Linear Technology LTC2480HMS-PBF Datasheet HTML 11Page - Linear Technology LTC2480HMS-PBF Datasheet HTML 12Page - Linear Technology LTC2480HMS-PBF Datasheet HTML 13Page - Linear Technology LTC2480HMS-PBF Datasheet HTML 14Page - Linear Technology LTC2480HMS-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
LTC2480
11
2480fc
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Error vs VCC
(2x Speed Mode)
Offset Error vs VREF
(2x Speed Mode)
PSRR vs Frequency at VCC
(2x Speed Mode)
PSRR vs Frequency at VCC
(2x Speed Mode)
PSRR vs Frequency at VCC
(2x Speed Mode)
VCC (V)
2
2.5
0
100
250
3
4
4.5
2480 G41
50
200
150
3.5
5
5.5
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
fO = GND
TA = 25°C
VREF (V)
0
190
200
210
3
5
2480 G42
180
170
160
12
4
220
230
240
VCC = 5V
VIN = 0V
VIN(CM) = GND
fO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
1
0
–20
–40
–60
–80
–100
–120
–140
1k
100k
2480 G43
10
100
10k
1M
VCC = 4.1V DC
REF+ = 2.5V
REF= GND
IN+ = GND
IN= GND
fO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
0
–140
–120
–80
–60
–40
0
20
100
140
2480 G44
–100
–20
80
180
220
200
40 60
120
160
VCC = 4.1V DC ±1.4V
REF+ = 2.5V
REF= GND
IN+ = GND
IN= GND
fO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
30600
–60
–40
0
30750
2480 G45
–80
–100
30650
30700
30800
–120
–140
–20
VCC = 4.1V DC ±0.7V
REF+ = 2.5V
REF= GND
IN+ = GND
IN= GND
fO = GND
TA = 25°C
PIN FUNCTIONS
SDI (Pin 1): Serial Data Input. This pin is used to select
the GAIN, line frequency rejection, input, temperature
sensor and 2x speed mode. Data is shifted into the SDI
pin on the rising edge of serial clock (SCK).
VCC(Pin2):PositiveSupplyVoltage.BypasstoGND(Pin 8)
with a 1μF tantalum capacitor in parallel with 0.1μF ceramic
capacitor as close to the part as possible.
VREF (Pin 3): Positive Reference Input. The voltage on
this pin can have any value between 0.1V and VCC. The
negative reference input is GND (Pin 8).
IN+ (Pin 4), IN(Pin 5):
Differential Analog Inputs. The
voltage on these pins can have any value between GND
– 0.3V and VCC + 0.3V. Within these limits the converter
bipolar input range (VIN = IN+ – IN) extends from –0.5
• VREF/GAIN to 0.5 • VREF/GAIN. Outside this input range
the converter produces unique overrange and underrange
output codes.
CS (Pin 6): Active LOW Chip Select. A LOW on this pin
enables the digital input/output and wakes up the ADC.
Following each conversion the ADC automatically enters
the sleep mode and remains in this low power state as


Similar Part No. - LTC2480HMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480 LINER-LTC2480 Datasheet
535Kb / 40P
   16-Bit ADC with Easy Drive
LTC2480 LINER-LTC2480 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2480 LINER-LTC2480 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2480 LINER-LTC2480 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2480CDD LINER-LTC2480CDD Datasheet
535Kb / 40P
   16-Bit ADC with Easy Drive
More results

Similar Description - LTC2480HMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com