Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1766IFE-TR Datasheet(PDF) 3 Page - Linear Technology

Part # LT1766IFE-TR
Description  5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766IFE-TR Datasheet(HTML) 3 Page - Linear Technology

  LT1766IFE-TR Datasheet HTML 1Page - Linear Technology LT1766IFE-TR Datasheet HTML 2Page - Linear Technology LT1766IFE-TR Datasheet HTML 3Page - Linear Technology LT1766IFE-TR Datasheet HTML 4Page - Linear Technology LT1766IFE-TR Datasheet HTML 5Page - Linear Technology LT1766IFE-TR Datasheet HTML 6Page - Linear Technology LT1766IFE-TR Datasheet HTML 7Page - Linear Technology LT1766IFE-TR Datasheet HTML 8Page - Linear Technology LT1766IFE-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LT1766/LT1766-5
3
1766fc
ELECTRICAL CHARACTERISTICS
The
l denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
VIN = 15V, VC = 1.5V, SHDN = 1V, BOOST open circuit, SW open circuit, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage (VREF) (LT1766)
5.5V ≤ VIN ≤ 60V
VOL + 0.2 ≤ VC ≤ VOH – 0.2
l
1.204
1.195
1.219
1.234
1.243
V
V
SENSE Voltage (LT1766-5)
5.5V ≤ VIN ≤ 60V
VOL + 0.2V ≤ VC ≤ VOH – 0.2V
l
4.94
4.90
5
5.06
5.10
V
V
SENSE Pin Resistance (LT1766-5)
9.5
13.8
19
FB Input Bias Current (LT1766)
l
–0.5
–1.5
μA
Error Amp Voltage Gain
(Notes 2, 9)
200
400
V/V
Error Amp gm
dl (VC) = ±10μA (Note 9)
l
1500
1000
2000
3000
4200
μMho
μMho
VC to Switch gm
1.7
A/V
EA Source Current
FB = 1V or VSENSE = 4.1V
l
125
225
400
μA
EA Sink Current
FB = 1.4V or VSENSE = 5.7V
l
100
225
450
μA
VC Switching Threshold
Duty Cycle = 0
0.9
V
VC High Clamp
SHDN = 1V
2.1
V
Switch Current Limit
VC Open, Boost = VIN + 5V, FB = 1V or VSENSE = 4.1V
l
1.5
2
3
A
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1766EFE#PBF
LT1766EFE#TRPBF
1766EFE
16-Lead Plastic TSSOP
0°C to 125°C
LT1766IFE#PBF
LT1766IFE#TRPBF
1766IFE
16-Lead Plastic TSSOP
–40°C to 125°C
LT1766HFE#PBF
LT1766HFE#TRPBF
1766HFE
16-Lead Plastic TSSOP
–40°C to 140°C
LT1766EFE-5#PBF
LT1766EFE-5#TRPBF
1766EFE-5
16-Lead Plastic TSSOP
0°C to 125°C
LT1766IFE-5#PBF
LT1766IFE-5#TRPBF
1766IFE-5
16-Lead Plastic TSSOP
–40°C to 125°C
LT1766EGN#PBF
LT1766EGN#TRPBF
1766
16-Lead Plastic SSOP
0°C to 125°C
LT1766IGN#PBF
LT1766IGN#TRPBF
1766I
16-Lead Plastic SSOP
–40°C to 125°C
LT1766EGN-5#PBF
LT1766EGN-5#TRPBF
17665
16-Lead Plastic SSOP
0°C to 125°C
LT1766IGN-5#PBF
LT1766IGN-5#TRPBF
1766I5
16-Lead Plastic SSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1766EFE
LT1766EFE#TR
1766EFE
16-Lead Plastic TSSOP
0°C to 125°C
LT1766IFE
LT1766IFE#TR
1766IFE
16-Lead Plastic TSSOP
–40°C to 85°C
LT1766HFE
LT1766HFE#TR
1766HFE
16-Lead Plastic TSSOP
–40°C to 140°C
LT1766EFE-5
LT1766EFE-5#TR
1766EFE-5
16-Lead Plastic TSSOP
0°C to 125°C
LT1766IFE-5
LT1766IFE-5#TR
1766IFE-5
16-Lead Plastic TSSOP
–40°C to 125°C
LT1766EGN
LT1766EGN#TR
1766
16-Lead Plastic SSOP
0°C to 125°C
LT1766IGN
LT1766IGN#TR
1766I
16-Lead Plastic SSOP
–40°C to 125°C
LT1766EGN-5
LT1766EGN-5#TR
17665
16-Lead Plastic SSOP
0°C to 125°C
LT1766IGN-5
LT1766IGN-5#TR
1766I5
16-Lead Plastic SSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
(LT1766E/LT1766I Grade)


Similar Part No. - LT1766IFE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1766 LINER-LT1766 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1766 LINER-LT1766 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1766 LINER-LT1766 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1766 LINER-LT1766 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
More results

Similar Description - LT1766IFE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com