Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2480CDD-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2480CDD-TRPBF
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480CDD-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2480CDD-TRPBF Datasheet HTML 5Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 9Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 10Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 11Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 12Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LTC2480
9
2480fc
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature Sensor
vs Temperature
Temperature Sensor Error
vs Temperature
On-Chip Oscillator Frequency
vs Temperature
TEMPERATURE (°C)
–60
0.35
0.40
120
2480 G24
0.30
0.20
30
090
–30
60
0.25
VCC = 5V
VREF = 1.4V
fO = GND
TEMPERATURE (°C)
–60
1
3
5
60
2480 G25
–1
–3
0
2
4
–2
–4
–5
–30
0
30
90
120
VCC = 5V
fO = GND
VREF = 1.4V
TEMPERATURE (°C)
–45 –30
300
304
310
–15
30
45
2480 G26
302
308
306
15
0
60
75
90
VCC = 4.1V
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
fO = GND
On-Chip Oscillator Frequency
vs VCC
PSRR vs Frequency at VCC
VCC (V)
2.5
300
302
304
306
308
310
3.0
3.5
4.0
4.5
2480 G27
5.0
5.5
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
fO = GND
PSRR vs Frequency at VCC
FREQUENCY AT VCC (Hz)
1
0
–20
–40
–60
–80
–100
–120
–140
1k
100k
2480 G28
10
100
10k
1M
VCC = 4.1V DC
VREF = 2.5V
IN+ = GND
IN= GND
fO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
0
–140
–120
–80
–60
–40
0
20
100
140
2480 G29
–100
–20
80
180
220
200
40 60
120
160
VCC = 4.1V DC ±1.4V
VREF = 2.5V
IN+ = GND
IN= GND
fO = GND
TA = 25°C
PSRR vs Frequency at VCC
Conversion Current
vs Temperature
Sleep Mode Current
vs Temperature
FREQUENCY AT VCC (Hz)
30600
–60
–40
0
30750
2480 G30
–80
–100
30650
30700
30800
–120
–140
–20
VCC = 4.1V DC ±0.7V
VREF = 2.5V
IN+ = GND
IN= GND
fO = GND
TA = 25°C
TEMPERATURE (°C)
–45
100
120
160
180
200
–15
15
30
90
2480 G31
140
–30
0
45
60
75
VCC = 5V
VCC = 2.7V
fO = GND
CS = GND
SCK = NC
SDO = NC
SDI = GND
TEMPERATURE (°C)
–45
0
0.2
0.6
0.8
1.0
2.0
1.4
–15
15
30
90
2480 G32
0.4
1.6
1.8
1.2
–30
0
45
60
75
VCC = 5V
VCC = 2.7V
fO = GND
CS = VCC
SCK = NC
SDO = NC
SDI = GND


Similar Part No. - LTC2480CDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480CDD LINER-LTC2480CDD Datasheet
535Kb / 40P
   16-Bit ADC with Easy Drive
More results

Similar Description - LTC2480CDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com