Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2480CDD-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2480CDD-TRPBF
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480CDD-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2480CDD-TRPBF Datasheet HTML 1Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 2Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 3Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 4Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 5Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC2480CDD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
LTC2480
5
2480fc
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
l
2.7
5.5
V
ICC
Supply Current
Conversion Mode (Note 12)
Sleep Mode (Note 12)
H-Grade
l
l
l
160
1
250
2
20
μA
μA
μA
ANALOG INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IIN
Digital Input Current SCK
0V ≤ VIN ≤ VCC (Note 10)
l
–10
10
μA
CIN
Digital Input Capacitance CS, fO, SDI
10
pF
CIN
Digital Input Capacitance SCK
10
pF
VOH
High Level Output Voltage SDO
IO = –800μA
l
VCC – 0.5
V
VOL
Low Level Output Voltage SDO
IO = 1.6mA
l
0.4
V
VOH
High Level Output Voltage SCK
IO = –800μA
l
VCC – 0.5
V
VOL
Low Level Output Voltage SCK
IO = 1.6mA
l
0.4
V
IOZ
Hi-Z Output Leakage SDO
l
–10
10
μA
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fEOSC
External Oscillator Frequency Range
(Note 15)
l
10
4000
kHz
tHEO
External Oscillator High Period
l
0.125
100
μs
tLEO
External Oscillator Low Period
l
0.125
100
μs
tCONV_1
Conversion Time for 1x Speed Mode
50Hz Mode
50Hz Mode (H-Grade)
60Hz Mode
60Hz Mode (H-Grade)
Simultaneous 50Hz/60Hz Mode
Simultaneous 50Hz/60Hz Mode (H-Grade)
l
l
l
l
l
l
157.2
157.2
131.0
131.0
144.1
144.1
160.3
160.3
133.6
133.6
146.9
146.9
163.5
165.1
136.3
137.6
149.9
151.0
ms
ms
ms
ms
ms
ms
External Oscillator
l
41036/fEOSC (in kHz)
ms
tCONV_2
Conversion Time for 2x Speed Mode
50Hz Mode
50Hz Mode (H-Grade)
60Hz Mode
60Hz Mode (H-Grade)
Simultaneous 50Hz/60Hz Mode
Simultaneous 50Hz/60Hz Mode (H-Grade)
l
l
l
l
l
l
78.7
65.6
72.2
80.3
66.9
73.6
81.9
82.7
68.2
68.9
75.1
75.6
ms
ms
ms
ms
ms
ms
External Oscillator
l
20556/fEOSC (in kHz)
ms
fISCK
Internal SCK Frequency
Internal Oscillator (Note 10)
External Oscillator (Notes 10, 11)
38.4
fEOSC/8
kHz
kHz
DISCK
Internal SCK Duty Cycle
(Note 10)
l
45
55
%
fESCK
External SCK Frequency Range
(Note 10)
l
4000
kHz


Similar Part No. - LTC2480CDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480CDD LINER-LTC2480CDD Datasheet
535Kb / 40P
   16-Bit ADC with Easy Drive
More results

Similar Description - LTC2480CDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com